Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

72291L10TFG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 72291L10TFG
Description  CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72291L10TFG Datasheet(HTML) 3 Page - Integrated Device Technology

  72291L10TFG Datasheet HTML 1Page - Integrated Device Technology 72291L10TFG Datasheet HTML 2Page - Integrated Device Technology 72291L10TFG Datasheet HTML 3Page - Integrated Device Technology 72291L10TFG Datasheet HTML 4Page - Integrated Device Technology 72291L10TFG Datasheet HTML 5Page - Integrated Device Technology 72291L10TFG Datasheet HTML 6Page - Integrated Device Technology 72291L10TFG Datasheet HTML 7Page - Integrated Device Technology 72291L10TFG Datasheet HTML 8Page - Integrated Device Technology 72291L10TFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72281/72291
CMOS SuperSync FIFO™ 65,536 x 9 and 131,072 x 9
DESCRIPTION (CONTINUED)
Figure 1. Block Diagram of Single 65,536 x 9 and 131,072 x 9 Synchronous FIFO
DATA OUT (Q0 - Qn)
DATA IN (D0 - Dn)
MASTER RESET (
MRS)
READ CLOCK (RCLK)
READ ENABLE (
REN)
OUTPUT ENABLE (
OE)
EMPTY FLAG/OUTPUT READY (
EF/OR)
PROGRAMMABLE ALMOST-EMPTY (
PAE)
WRITE CLOCK (WCLK)
WRITE ENABLE (
WEN)
LOAD (
LD)
FULL FLAG/INPUT READY (
FF/IR)
PROGRAMMABLE ALMOST-FULL (
PAF)
IDT
72281
72291
PARTIAL RESET (
PRS)
FIRST WORD FALL THROUGH/SERIAL INPUT
(FWFT/SI)
RETRANSMIT (
RT)
4675 drw 03
HALF-FULL FLAG (
HF)
SERIAL ENABLE(
SEN)
FWFT mode. HF, PAE andPAFarealwaysavailableforuse,irrespectiveof
timingmode.
PAE and PAF can be programmed independently to switch at any point in
memory. (SeeTableIandTableII.) Programmableoffsetsdeterminetheflag
switchingthresholdandcanbeloadedbytwomethods:parallelorserial. Two
defaultoffsetsettingsarealsoprovided,sothatPAEcanbesettoswitchat127
or1,023locationsfromtheemptyboundaryandthePAFthresholdcanbeset
at127or1,023locationsfromthefullboundary. Thesechoicesaremadewith
the LD pin during Master Reset.
For serialprogramming,SENtogetherwithLDoneachrisingedgeofWCLK,
are used to load the offset registers via the Serial Input (SI). For parallel
programming,WENtogetherwithLDoneachrisingedgeofWCLK,areused
to load the offset registers via Dn. REN together with LD on each rising edge
ofRCLKcanbeusedtoreadtheoffsetsinparallelfromQnregardlessofwhether
serialorparalleloffsetloadinghasbeenselected.
DuringMasterReset(MRS)thefollowingeventsoccur:Thereadandwrite
pointers are set to the first location of the FIFO. The FWFT pin selects IDT
StandardmodeorFWFTmode. TheLDpinselectseitherapartialflagdefault
settingof127withparallelprogrammingorapartialflagdefaultsettingof1,023
withserialprogramming. Theflagsareupdatedaccordingtothetimingmode
anddefaultoffsetsselected.
The Partial Reset (PRS) also sets the read and write pointers to the first
locationofthememory. However,thetimingmode,partialflagprogramming
method,anddefaultorprogrammedoffsetsettingsexistingbeforePartialReset
remain unchanged. The flags are updated according to the timing mode and
offsets in effect. PRS is useful for resetting a device in mid-operation, when
reprogrammingpartialflagswouldbeundesirable.
TheRetransmitfunctionallowsdatatoberereadfromtheFIFOmorethan
once. ALOWontheRTinputduringarisingRCLKedgeinitiatesaretransmit
operation by setting the read pointer to the first location of the memory array.
If,atanytime,theFIFOisnotactivelyperforminganoperation,thechipwill
automaticallypowerdown.Onceinthepowerdownstate,thestandbysupply
currentconsumptionisminimized. Initiatinganyoperation(byactivatingcontrol
inputs)willimmediatelytakethedeviceoutofthepowerdownstate.
The IDT72281/72291 are fabricated using high speed submicron CMOS
technology.


Similar Part No. - 72291L10TFG

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
72291 BOURNS-72291 Datasheet
73Kb / 2P
   Surge Protector Test Set
More results

Similar Description - 72291L10TFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com