Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDV1524URH Datasheet(PDF) 6 Page - MagnaChip Semiconductor.

Part # MDV1524URH
Description  Single N-channel Trench MOSFET 30V, 24A, 8.1m(ohm)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDV1524URH Datasheet(HTML) 6 Page - MagnaChip Semiconductor.

  MDV1524URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDV1524URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDV1524URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDV1524URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDV1524URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDV1524URH Datasheet HTML 6Page - MagnaChip Semiconductor. MDV1524URH Datasheet HTML 7Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
May. 2011. Version1.2
MagnaChip Semiconductor Ltd
.
6
Package Dimension
PowerDFN33 (3.3x3.3mm)
Dimensions are in millimeters, unless otherwise specified


Similar Part No. - MDV1524URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDV1522 MGCHIP-MDV1522 Datasheet
855Kb / 6P
   Single N-channel Trench MOSFET 30V, 28A, 4.9m(ohm)
MDV1522URH MGCHIP-MDV1522URH Datasheet
855Kb / 6P
   Single N-channel Trench MOSFET 30V, 28A, 4.9m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDV1523URH MGCHIP-MDV1523URH Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDV1525 MGCHIP-MDV1525 Datasheet
856Kb / 7P
   Single N-channel Trench MOSFET 30V, 24A, 10.1m(ohm)
More results

Similar Description - MDV1524URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDV1525 MGCHIP-MDV1525 Datasheet
856Kb / 7P
   Single N-channel Trench MOSFET 30V, 24A, 10.1m(ohm)
MDV1526 MGCHIP-MDV1526 Datasheet
860Kb / 7P
   Single N-channel Trench MOSFET 30V, 24A, 11m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
MDS1526 MGCHIP-MDS1526 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com