Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MM1509 Datasheet(PDF) 8 Page - Mitsumi Electronics, Corp.

Part # MM1509
Description  Video Switch75??driverY/C mix
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1509 Datasheet(HTML) 8 Page - Mitsumi Electronics, Corp.

Back Button MM1509 Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM1509 Datasheet HTML 12Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
MITSUMI
Video Switch · 75
Ω driver · Y/C mix MM1501
Item
Symbol
Measurement conditions
Min. Typ. Max. Unit
Consumption current
ICC
Refer to measurement procedures
6.9
9.0
mA
Y input pin voltage
VYIN
No-signal, no-load
1.95
2.15
2.35
V
C input pin voltage
VCIN
No-signal, no-load
1.80
2.00
2.20
V
Output pin voltage
VOUT
No-signal, no-load
1.10
V
Voltage gain
GV
Refer to measurement procedures
5.5
6.0
6.5
dB
Frequency characteristic
fc
Refer to measurement procedures
-10
+1
dB
Differential gain
DG
Refer to measurement procedures
-30
+3
%
Differential phase
DP
Refer to measurement procedures
-3
0
+3
deg
Y output dynamic range
VDY
Refer to measurement procedures
2.6
2.9
V
C output dynamic range
VDC
Refer to measurement procedures
2.0
V
C input impedance
Zi
15
k
MM1512
MM1501~MM1508
· Switch Status
Measurement Procedures
Item
Symbol
Switch status
S1
S2
S3
Consumption current
ICC
222
Voltage gain
GV
122
211
Frequency characteristic
fc
122
211
Differential gain
DG
122
211
Differential phase
DP
122
211
Item
Symbol
Switch status
S1
S2
S3
Total harmonic
THD
122
distortion ratio
211
Output dynamic range
VD
122
211
Output offset voltage
VOFF
222
221
Cross talk
CT
121
212
SW input voltage H
VIH
221
SW input voltage L
VIL


Similar Part No. - MM1509

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MM1510 TGS-MM1510 Datasheet
257Kb / 5P
   6dB Amplifier with 75OHM Driver
logo
List of Unclassifed Man...
MM152 ETC2-MM152 Datasheet
495Kb / 1P
   Precision Film Resistors
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XN MITSUMI-MM1522XN Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XU MITSUMI-MM1522XU Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
More results

Similar Description - MM1509

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8600 AGAMEM-AA8600 Datasheet
43Kb / 1P
   VIDEO Y/C MIX
logo
Rohm
BA7664FV ROHM-BA7664FV Datasheet
79Kb / 7P
   75??driver with Y / C MIX circuit
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
   3-channel 75??driver with Y / C MIX
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Agamem Microelectronic ...
AA8600AP AGAMEM-AA8600AP Datasheet
172Kb / 7P
   Y/C MIX
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix)
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
logo
Schurter Inc.
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com