Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDV1528 Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDV1528
Description  Single N-channel Trench MOSFET 30V, 16A, 18.8m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDV1528 Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDV1528 Datasheet HTML 1Page - MagnaChip Semiconductor. MDV1528 Datasheet HTML 2Page - MagnaChip Semiconductor. MDV1528 Datasheet HTML 3Page - MagnaChip Semiconductor. MDV1528 Datasheet HTML 4Page - MagnaChip Semiconductor. MDV1528 Datasheet HTML 5Page - MagnaChip Semiconductor. MDV1528 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
May. 2011. Version1.3
MagnaChip Semiconductor Ltd.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 On-Resistance Variation with
Gate to Source Voltage
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
V
GS=10V
I
D=8A
T
J, Junction Temperature [
oC]
2
4
6
8
10
0
10
20
30
40
Notes :
I
D = 8A
T
A = 25
V
GS, Gate to Source Volatge [V]
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
10
-1
10
0
10
1
T
A=25
Notes :
V
GS = 0V
V
SD, Source-Drain voltage [V]
0
1
2
3
4
5
0
4
8
12
16
V
GS, Gate-Source Voltage [V]
T
A=25
Notes :
V
DS = 5V
5
10
15
20
0
5
10
15
20
25
30
V
GS = 10V
V
GS = 4.5V
I
D, Drain Current [A]
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
8.0V
4.5V
3.5V
V
GS = 10V
5.0V
4.0V
3.0V
V
DS, Drain-Source Voltage [V]


Similar Part No. - MDV1528

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDV1522 MGCHIP-MDV1522 Datasheet
855Kb / 6P
   Single N-channel Trench MOSFET 30V, 28A, 4.9m(ohm)
MDV1522URH MGCHIP-MDV1522URH Datasheet
855Kb / 6P
   Single N-channel Trench MOSFET 30V, 28A, 4.9m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDV1523URH MGCHIP-MDV1523URH Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDV1524 MGCHIP-MDV1524 Datasheet
855Kb / 7P
   Single N-channel Trench MOSFET 30V, 24A, 8.1m(ohm)
More results

Similar Description - MDV1528

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS1528 MGCHIP-MDS1528 Datasheet
926Kb / 5P
   Single N-channel Trench MOSFET 30V, 11.9A, 18.8m(ohm)
MDS1525 MGCHIP-MDS1525 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.9A, 10.1m(ohm)
MDU1515 MGCHIP-MDU1515 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 57.4A, 7.2m(ohm)
MDU1518 MGCHIP-MDU1518 Datasheet
764Kb / 6P
   Single N-channel Trench MOSFET 30V, 94.5A, 4.2m(ohm)
MDV1523 MGCHIP-MDV1523 Datasheet
858Kb / 6P
   Single N-channel Trench MOSFET 30V, 24A, 6.1m(ohm)
MDS1653 MGCHIP-MDS1653 Datasheet
750Kb / 6P
   Single N-Channel Trench MOSFET 30V, 12A, 12m(ohm)
MDS1524 MGCHIP-MDS1524 Datasheet
667Kb / 5P
   Single N-channel Trench MOSFET 30V, 19.3A, 8.1m(ohm)
MDV1595S MGCHIP-MDV1595S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V, 36.1A, 10.7m(ohm)
MDS1526 MGCHIP-MDS1526 Datasheet
670Kb / 5P
   Single N-channel Trench MOSFET 30V, 16.1A, 11.0m(ohm)
MDS1652 MGCHIP-MDS1652 Datasheet
705Kb / 6P
   Single N-Channel Trench MOSFET 30V, 17A, 6.5m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com