Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70P248L55BYGI Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 70P248L55BYGI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70P248L55BYGI Datasheet(HTML) 2 Page - Integrated Device Technology

  70P248L55BYGI Datasheet HTML 1Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 2Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 3Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 4Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 5Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 6Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 7Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 8Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
6.42
IDT70P258/248L
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
2
Description
The IDT70P258/248 is a very low power 8K/4K x 16 Dual-Port
StaticRAM.TheIDT70P258/248isdesignedtobeusedasastand-alone
128/64K-bitDual-PortSRAMorasacombinationMASTER/SLAVEDual-
Port SRAM for 32-bit-or-more word systems. Using the IDT MASTER/
SLAVE Dual-Port SRAM approach in 32-bit or wider memory system
applicationsresultsinfull-speed,error-freeoperationwithouttheneedfor
additionaldiscretelogic.
Thisdeviceprovidestwoindependentportswithseparatecontrol,
address, and I/O pins that permit independent, asynchronous access for
reads or writes to any location in memory. An automatic power down
feature controlled by
CE permitstheon-chipcircuitryofeachporttoenter
a very low standby power mode.
Fabricated using IDT’s CMOS high-performance technology,
these devices typically operate on only 27mW of power.
The IDT70P258/248 is packaged in a 100 ball 0.5mm- pitch Ball
Grid Array. The package is a 1mm thick and designed to fit in wireless
handsetapplications.
Pin Configurations(2,3,4)
C10
D8
C8
A9
D9
C9
B9
D10
C7
B8
A8
A10
D7
B7
A7
B6
C6
D6
A5
B5
C5
D5
A4
B4
C4
D4
A3
B3
C3
D3
D2
C2
B2
A2
A1
B1
C1
D1
E1
E2
E3
E4
F1
F2
F3
F4
G1
G2
G3
G4
H1
H2
H3
H4
J1
J2
J3
J4
K1
K2
K3
K4
A6
B10
E5
E6
E7
E8
E9
E10
F5
F6
F8
F9
F10
G5
G6
G7
G8
G9
G10
H5
H6
H7
H8
H9
H10
J5
J6
J7
J8
J9
J10
K5
K6
K7
K8
K9
K10
F7
5675 drw 02b
,
09/04/03
A5R
A8R
A11R
UBR
Vss
Vss
SEMR I/O15R I/O12R I/O10R
Vss
Vss
A6R
I/O7R
I/O11R
I/O14R
A2R
A1R
A0R
LBR
Vss
Vss
SFEN
Vss
Vss
VDD
A3R
A7R
A9R
CER
R/
WR OER
I/O9R
I/O6R
A4R
VDD
VDD
A12R(1)
A10R
INTR
I/O13R
I/O5R
BUSYR
I/O2R
ODR2
ODR4
I/O8R
M/
S ODR3 INTL
IRR1
I/O4R
I/O1R
ODR1
BUSYL
A1L
NC
NC
OEL
I/O0R
I/O3R
I/O15L VDDQL
ODR0
A2L
A5L
A12L(1)
VDD
I/O3L
I/O11L I/O12L I/O14L I/O13L
A0L
A4L
A9L
LBL
CEL
I/O1L
VDDQL
I/O10L
A3L
A7L
A10L
IRR0
I/O4L
I/O6L
I/O8L
I/O9L
A6L
A8L
A11L
UBL
SEML R/WL
I/O0L
I/O2L
I/O5L
I/O7L
Vss
70P258/248BY
BY-100
100-Ball 0.5mm Pitch BGA
Top View(5)
NOTES:
1. A12X is a NC for IDT70P248.
2. All VDD pins must be connected to power supply.
3. All VSS pins must be connected to ground supply.
4. BY100-1 package body is approximately 6mm x 6mm x 1mm, ball pitch 0.5mm.
5. This package code is used to reference the package diagram.
6. This text does not indicate orientation of the actual part-marking.


Similar Part No. - 70P248L55BYGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70P248L55BYGI RENESAS-70P248L55BYGI Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
More results

Similar Description - 70P248L55BYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257_09 Datasheet
169Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com