Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

70P258L55BYGI Datasheet(PDF) 5 Page - Integrated Device Technology

Part # 70P258L55BYGI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70P258L55BYGI Datasheet(HTML) 5 Page - Integrated Device Technology

  70P258L55BYGI Datasheet HTML 1Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 2Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 3Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 4Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 5Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 6Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 7Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 8Page - Integrated Device Technology 70P258L55BYGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
6.42
IDT70P258/248L
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
5
Capacitance
(TA = +25°C, f = 1.0MHz)
NOTES:
1.
This parameter is determined by device characterization but is not production
tested.
2.
3dV references the interpolated capacitance when the input and output signals
switch from 0V to 3V or from 3V to 0V.
Symbol
Parameter
Conditions(2)
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VOUT = 3dV
11
pF
5675 tbl 07
Maximum Operating Temperature
and Supply Voltage(1)
NOTES:
1. This is the parameter TA. This is the "instant on" case temperature.
Grade
Ambient
Temperature
GND
VDD
Industrial
-40OC to +85OC0V
1.8V
+ 100mV
5675 tbl 05
Recommended DC Operating Conditions (VDDQL= 3.0V±300mV)
NOTES:
1. VIL > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed VDD + 0.3V.
3.
SFEN operates at the 1.8V VIH and VIL voltage levels.
4. M/
S operates at the VDD and VSS voltage levels.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
(4)
1.7
1.8
1.9
V
VDDQL
Left Port Supply Voltage
2.7
3.0
3.3
V
VSS
Ground
0
0
0
V
VIHL
Input High Voltage (VDDQL = 3.0V)
2.0
___
VDDQL + 0.2
V
VILL
Input Low Voltage (VDDQL = 3.0V)
-0.2
___
0.6
V
VIHR
Input High Voltage(3)
1.2
___
VDD + 0.2
V
VILR
Input Low Voltage
(3)
-0.2
___
0.4
V
5675 tbl 06
Symbol
Parameter
Min.
Typ.
Max.
Unit
VDD
Supply Voltage
(4)
1.7
1.8
1.9
V
VDDQL
Left Port Supply Voltage
2.4
2.5
2.6
V
VSS
Ground
0
0
0
V
VIHL
Input High Voltage (VDDQL = 2.5V)
1.7
___
VDDQL + 0.3
V
VILL
Input Low Voltage (VDDQL = 2.5V)
-0.3
___
0.7
V
VIHR
Input High Voltage(3)
1.2
___
VDD + 0.2
V
VILR
Input Low Voltage
(3)
-0.2
___
0.4
V
5675 tbl 06_5
Recommended DC Operating Conditions (VDDQL= 2.5V±100mV)


Similar Part No. - 70P258L55BYGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70P258L55BYGI RENESAS-70P258L55BYGI Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
More results

Similar Description - 70P258L55BYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257_09 Datasheet
169Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com