Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDV3604 Datasheet(PDF) 1 Page - MagnaChip Semiconductor.

Part # MDV3604
Description  Single P-Channel Trench MOSFET, -30V, -20A, 12.1m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDV3604 Datasheet(HTML) 1 Page - MagnaChip Semiconductor.

  MDV3604 Datasheet HTML 1Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 2Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 3Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 4Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 5Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Jan. 2015. Version 1.3
MagnaChip Semiconductor Ltd.
1
Absolute Maximum Ratings (Ta =25
oC unless otherwise noted)
Characteristics
Symbol
Rating
Unit
Drain-Source Voltage
VDSS
-30
V
Gate-Source Voltage
VGSS
±25
V
Continuous Drain Current
(1)
TC=25
oC (Package limited)
ID
-20
A
TC=25
oC (Silicon limited)
-36.1
TA=25
oC
-12.6
(3)
TA=70
oC
-10.2
(3)
Pulsed Drain Current
IDM
-32
A
Power Dissipation
TC=25
oC
PD
27.7
W
TA=25
oC
3.4
(3)
Single Pulse Avalanche Energy
(2)
EAS
84.5
mJ
Junction and Storage Temperature Range
TJ, Tstg
-55~150
oC
Thermal Characteristics
Characteristics
Symbol
Rating
Unit
Thermal Resistance, Junction-to-Ambient
(Note 1)
RθJA
36
oC/W
Thermal Resistance, Junction-to-Case
RθJC
4.5
MDV3604
Single P-Channel Trench MOSFET, -30V, -20A, 12.1mΩ
General Description
The MDV3604 uses advanced MagnaC
hip’s MOSFET
Technology to provide low on-state resistance.
This device is suited for Power Management and load
switching applications common in Notebook Computers
and Portable Battery Packs.
Features
VDS = -30V
ID = -20A @VGS = -10V
RDS(ON)
< 10.0m
Ω
@VGS = -20V
< 12.1m
Ω
@VGS = -10V
< 18.3m
Ω
@VGS = -5V
Applications
Load Switch
General purpose applications
Smart Module for Note PC Battery
PDFN33
S
S
S
G
G
S
S
S
D
D
D
D
D
D
D
D
D
G
S
G
S


Similar Part No. - MDV3604

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDV3604URH VBSEMI-MDV3604URH Datasheet
986Kb / 7P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MDV3604

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS3604 MGCHIP-MDS3604 Datasheet
699Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 12.1m(ohm)
MDV3605 MGCHIP-MDV3605 Datasheet
1Mb / 6P
   Single P-Channel Trench MOSFET, -30V, -20A, 18.0m(ohm)
MDV1527 MGCHIP-MDV1527 Datasheet
861Kb / 7P
   Single N-channel Trench MOSFET 30V, 20A, 15.9m(ohm)
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDU3605 MGCHIP-MDU3605 Datasheet
767Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -35.6A, 17.0m(ohm)
MDU3601 MGCHIP-MDU3601 Datasheet
1,021Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -85A, 2.9m(ohm)
MDS3603 MGCHIP-MDS3603 Datasheet
700Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -12A, 10.1m(ohm)
MDU3603 MGCHIP-MDU3603 Datasheet
738Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -67A, 9.1m(ohm)
MDS3653 MGCHIP-MDS3653 Datasheet
719Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -14.6A, 7m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com