Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLPX102M220C9P3 Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SLPX102M220C9P3
Description  Small case size with high capacitance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX102M220C9P3 Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SLPX102M220C9P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX102M220C9P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3000 h @ 85 ºC
Max 25 °C ESR
Max 85 °C Ripple Nominal
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
16 Vdc (20 Vdc Surge)
35 Vdc (44 Vdc Surge)
33000 SLPX333M016H3P3 0.020
0.015
5.46
6.83
35 x 30
10000 SLPX103M035C7P3 0.053
0.040
3.65
4.56
25 x 40
39000 SLPX393M016E4P3 0.017
0.013
6.21
7.76
30 x 45
10000 SLPX103M035E3P3 0.053
0.040
3.61
4.51
30 x 30
39000 SLPX393M016H5P3 0.017
0.013
6.12
7.65
35 x 35
12000 SLPX123M035C4P3 0.044
0.033
4.15
5.19
25 x 45
47000 SLPX473M016E9P3 0.014
0.011
6.93
8.66
30 x 50
12000 SLPX123M035E5P3 0.044
0.033
4.14
5.18
30 x 35
47000 SLPX473M016H7P3 0.014
0.011
6.89
8.61
35 x 40
12000 SLPX123M035H3P3 0.044
0.033
4.27
5.34
35 x 30
56000 SLPX563M016H4P3 0.012
0.009
7.69
9.61
35 x 45
15000 SLPX153M035C9P3 0.035
0.026
4.77
5.96
25 x 50
25 Vdc (32 Vdc Surge)
15000 SLPX153M035E7P3 0.035
0.026
4.80
6.00
30 x 40
5600 SLPX562M025A1P3 0.107
0.080
2.31
2.89
22 x 25
15000 SLPX153M035H5P3 0.035
0.026
4.95
6.19
35 x 35
6800 SLPX682M025A3P3 0.088
0.066
2.56
3.20
22 x 30
18000 SLPX183M035E4P3 0.029
0.022
5.30
6.63
30 x 45
8200 SLPX822M025A5P3 0.073
0.055
2.86
3.58
22 x 35
18000 SLPX183M035H7P3 0.029
0.022
5.71
7.14
35 x 40
8200 SLPX822M025C1P3 0.073
0.055
2.78
3.48
25 x 25
22000 SLPX223M035H4P3 0.024
0.018
6.38
7.98
35 x 45
10000 SLPX103M025A5P3 0.060
0.045
3.31
4.14
22 x 35
27000 SLPX273M035H9P3 0.020
0.015
6.90
8.63
35 x 50
10000 SLPX103M025C3P3 0.060
0.045
3.16
3.95
25 x 30
50 Vdc (63 Vdc Surge)
10000 SLPX103M025E1P3 0.060
0.045
3.28
4.10
30 x 25
2200 SLPX222M050A1P3 0.211
0.158
1.93
2.41
22 x 25
12000 SLPX123M025A7P3 0.050
0.038
3.77
4.71
22 x 40
2700 SLPX272M050A3P3 0.172
0.129
2.21
2.76
22 x 30
12000 SLPX123M025C5P3 0.050
0.038
3.63
4.54
25 x 35
3300 SLPX332M050A3P3 0.141
0.106
2.41
3.01
22 x 30
12000 SLPX123M025E1P3 0.050
0.038
3.80
4.75
30 x 25
3300 SLPX332M050C1P3 0.141
0.106
2.38
2.98
25 x 25
15000 SLPX153M025A9P3 0.040
0.030
4.21
5.26
22 x 50
3900 SLPX392M050A5P3 0.119
0.089
2.72
3.40
22 x 35
15000 SLPX153M025C7P3 0.040
0.030
4.10
5.13
25 x 40
3900 SLPX392M050C3P3 0.119
0.089
2.68
3.35
25 x 30
15000 SLPX153M025E3P3 0.040
0.030
4.00
5.00
30 x 30
4700 SLPX472M050A7P3 0.099
0.074
3.02
3.78
22 x 40
18000 SLPX183M025C4P3 0.033
0.025
4.68
5.85
25 x 45
4700 SLPX472M050C3P3 0.099
0.074
3.07
3.84
25 x 30
18000 SLPX183M025E5P3 0.033
0.025
4.66
5.83
30 x 35
4700 SLPX472M050E1P3 0.099
0.074
3.01
3.76
30 x 25
18000 SLPX183M025H3P3 0.033
0.025
4.68
5.85
35 x 30
5600 SLPX562M050A7P3 0.083
0.062
3.26
4.08
22 x 40
22000 SLPX223M025C9P3 0.027
0.020
5.29
6.61
25 x 50
5600 SLPX562M050A4P3 0.083
0.062
3.43
4.29
22 x 45
22000 SLPX223M025E7P3 0.027
0.020
5.33
6.66
30 x 40
5600 SLPX562M050C5P3 0.083
0.062
3.47
4.34
25 x 35
22000 SLPX223M025H5P3 0.027
0.020
5.26
6.58
35 x 35
5600 SLPX562M050E3P3 0.083
0.062
3.43
4.29
30 x 30
27000 SLPX273M025E4P3 0.022
0.017
6.02
7.53
30 x 45
6800 SLPX682M050A9P3 0.068
0.051
3.94
4.93
22 x 50
27000 SLPX273M025H7P3 0.022
0.017
6.02
7.53
35 x 40
6800 SLPX682M050C7P3 0.068
0.051
3.87
4.84
25 x 40
33000 SLPX333M025E9P3 0.018
0.014
5.29
6.61
30 x 50
6800 SLPX682M050E5P3 0.068
0.051
3.93
4.91
30 x 35
33000 SLPX333M025H4P3 0.018
0.014
6.75
8.44
35 x 45
8200 SLPX822M050C4P3 0.057
0.043
4.44
5.55
25 x 45
39000 SLPX393M025H9P3 0.015
0.011
7.56
9.45
35 x 50
8200 SLPX822M050E5P3 0.057
0.043
4.47
5.59
30 x 35
35 Vdc (44 Vdc Surge)
8200 SLPX822M050H3P3 0.057
0.043
4.41
5.51
35 x 30
3900 SLPX392M035A1P3 0.136
0.102
2.22
2.78
22 x 25
10000 SLPX103M050E7P3 0.046
0.035
5.08
6.35
30 x 40
4700 SLPX472M035A3P3 0.113
0.085
2.46
3.08
22 x 30
10000 SLPX103M050H5P3 0.046
0.035
4.92
6.15
35 x 35
4700 SLPX472M035C1P3 0.113
0.085
2.43
3.04
25 x 25
12000 SLPX123M050E9P3 0.039
0.029
5.72
7.15
30 x 50
5600 SLPX562M035A3P3 0.095
0.071
2.61
3.26
22 x 30
12000 SLPX123M050H7P3 0.039
0.029
5.69
7.11
35 x 40
5600 SLPX562M035A5P3 0.095
0.071
2.79
3.49
22 x 35
15000 SLPX153M050H4P3 0.031
0.023
6.56
8.20
35 x 45
5600 SLPX562M035C3P3 0.095
0.071
2.75
3.44
25 x 30
18000 SLPX183M050H9P3 0.026
0.020
7.14
8.93
35 x 50
6800 SLPX682M035A7P3 0.078
0.059
2.97
3.71
22 x 40
22000 SLPX223M050H9P3 0.021
0.016
7.89
9.86
35 x 50
6800 SLPX682M035C3P3 0.078
0.059
2.89
3.61
25 x 30
63 Vdc (79 Vdc Surge)
6800 SLPX682M035E1P3 0.078
0.059
3.09
3.86
30 x 25
1800 SLPX182M063A1P3 0.221
0.166
1.90
2.38
22 x 25
8200 SLPX822M035A4P3 0.065
0.049
3.47
4.34
22 x 45
2200 SLPX222M063A3P3 0.181
0.136
2.35
2.94
22 x 30
8200 SLPX822M035C5P3 0.065
0.049
3.33
4.16
25 x 35
2200 SLPX222M063C1P3 0.181
0.136
2.30
2.88
25 x 25
8200 SLPX822M035E3P3 0.065
0.049
3.29
4.11
30 x 30
2700 SLPX272M063A5P3 0.147
0.110
2.50
3.13
22 x 35
10000 SLPX103M035A9P3 0.053
0.040
3.75
4.69
22 x 50
2700 SLPX272M063C3P3 0.147
0.110
2.52
3.15
25 x 30
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLPX102M220C9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX102M100A3P3 CDE-SLPX102M100A3P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX102M160A9P3 CDE-SLPX102M160A9P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX102M160C7P3 CDE-SLPX102M160C7P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX102M160E3P3 CDE-SLPX102M160E3P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLPX102M220C9P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com