Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-UE86-3G2420-X0361 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-UE86-3G2420-X0361
Description  AND EMI GASKET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G2420-X0361 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-UE86-3G2420-X0361 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G2420-X0361 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G2420-X0361 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G2420-X0361 Datasheet HTML 4Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
LIGHT PIPE OPTION
0 - NO LIGHT PIPE
1 - 4 LP PER 2X1, NORMAL ORIENTATION
2 - 2 INNER LP PER 2X1, NORMAL ORIENTATION
3 - 2 OUTER LP PER 2X1, NORMAL ORIENTATION
4 - 4 LP PER 2X1, REVERSING ORIENTATION
5 - 2 INNER LP PER 2X1, REVERSING ORIENTATION
6 - 2 OUTER LP PER 2X1, REVERSING ORIENTATION
7 - 3 LP PER 2X1, 2 OUTER LP, NORMAL ORIENTATION
8 - 3 LP PER 2X1, 2 OUTER LP, REVERSING ORIENTATION
PLATING OPTIONS FOR CONNECTOR
2 - 30µ" GOLD PLATING ON MATING AREA
15~100µ" MATTE TIN ON TERMINATION
3 - 30µ" GOLD PLATING ON MATING AREA
150~300µ" MATTE TIN ON TERMINATION
5 - 15µ" GOLD PLATING ON MATING AREA
15~100µ" MATTE TIN ON TERMINATION
6 - 15µ" GOLD PLATING ON MATING AREA
150~300µ" MATTE TIN ON TERMINATION
AMPHENOL PART NUMBER
CONFIGURATION
UE86 - 3G 2 4 2 0 - X 0 X 6 1
PACKAGING
1 - TRAY PACKAGING (STACKED)
MATERIAL: (RoHS COMPLIANT)
CAGE - PRESS FIT: COPPER ALLOY (NICKEL SILVER)
1.
CONNECTOR - PRESS FIT:
2.
-PLASTIC HOUSING: LCP, FLAMMABILITY RATING UL94-V0.
-CONTACTS: PHOSPHOR BRONZE
LIGHT PIPE: CLEAR POLYCABONATE, FLAMMABILITY RATING UL94-V0.
3.
PACKAGING: TRAY PACKAGING.
4.
TEMPERATURE RANGE: -40°C TO +85°C
5.
EMI GASKET: CONDUCTIVE ELASTOMER UL94-V0
6.
4 LIGHT PIPES
UE86-3G2420-10X61
4 LIGHT PIPES UPSIDE DOWN
UE86-3G2420-40X61
2 OUTER LIGHT PIPES
UE86-3G2420-30X61
2 INNER LIGHT PIPES
UE86-3G2420-20X61
3 LIGHT PIPES UPSIDE DOWN
UE86-3G2420-80X61
3 LIGHT PIPES
UE86-3G2420-70X61
2 OUTER LIGHT PIPES UPSIDE DOWN
UE86-3G2420-60X61
2 INNER LIGHT PIPES UPSIDE DOWN
UE86-3G2420-50X61
NO LIGHT PIPES
UE86-3G2420-00X61
DATE CODE
PART NUMBER
(LAST DIGIT INDICATING
PACKAGING TYPE, NOT
PRINTED ON THE PART)
REVISIONS
REV.
ECN
DESCRIPTION
DATE
APPROVED
C
UPDATE NOTES
AUG 14/15
J.SI
D
CHANGED PCB THICKNESS
NOV 03/15
J.SI
E
REMOVED DIM. ZONE C2, SHEET 2 OF 4
OCT 31/16
J.SI
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
A
B
C
D
E
F
G
H
2
1
2
1
SCALE:
REV
DWG. NO.
6
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenolcanada.com
CODE ID NO.
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE
OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
DWG SIZE:
DO NOT
SCALE
DRAWING
03554
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APP'D
REF.
THIRD
ANGLE
PROJECTION
UNLESS SPECIFIED OTHERWISE
0.25
0.15
N/A
1
ENG. REL. NO.
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
3 DECIMAL PLACE
ANGULAR DEGREES
J. SI
P. OU
J. SI
ECN Exxxxx
2X2 SFP ULTRAPORT WITH LIGHT PIPE OPTIONS
AND EMI GASKET
P-UE86-3G2420-X0361
E
SHEET 1 OF 4
2:1
C
FEB10/14
NOV03/15
NOV03/15
SEE NOTES
MATERIAL AND FINISH


Similar Part No. - P-UE86-3G2420-X0361

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
   AND EMI SPRING FINGER
More results

Similar Description - P-UE86-3G2420-X0361

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
P-UE86-3G6420-X0X61 AMPHENOL-P-UE86-3G6420-X0X61 Datasheet
614Kb / 5P
   OPTIONS AND EMI GASKET VERSION
logo
Wurth Elektronik GmbH &...
38401205 WURTH-38401205 Datasheet
207Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401405 WURTH-38401405 Datasheet
209Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401401 WURTH-38401401 Datasheet
210Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401104 WURTH-38401104 Datasheet
208Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401107 WURTH-38401107 Datasheet
207Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401206 WURTH-38401206 Datasheet
207Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
logo
FIBOX Enclosing innovat...
3530717 FIBOX-3530717 Datasheet
36Kb / 1P
   Connection bridge and gasket
31.07.2023
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com