Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

723652L12PFG Datasheet(PDF) 10 Page - Integrated Device Technology

Part # 723652L12PFG
Description  CMOS SyncBiFIFOTM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723652L12PFG Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button 723652L12PFG Datasheet HTML 6Page - Integrated Device Technology 723652L12PFG Datasheet HTML 7Page - Integrated Device Technology 723652L12PFG Datasheet HTML 8Page - Integrated Device Technology 723652L12PFG Datasheet HTML 9Page - Integrated Device Technology 723652L12PFG Datasheet HTML 10Page - Integrated Device Technology 723652L12PFG Datasheet HTML 11Page - Integrated Device Technology 723652L12PFG Datasheet HTML 12Page - Integrated Device Technology 723652L12PFG Datasheet HTML 13Page - Integrated Device Technology 723652L12PFG Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
10
COMMERCIALTEMPERATURERANGE
IDT723652/723662/723672 CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
read request necessary. Subsequent words must be accessed by performing
a formal read operation.
Following Reset, the level applied to the
FWFTinputtochoosethedesired
timing mode must remain static throughout FIFO operation. Refer to Figure 2
(Reset) for a First Word Fall Through select timing diagram.
ALMOST-EMPTYFLAGANDALMOST-FULLFLAGOFFSETPROGRAMMING
Four registers in these devices are used to hold the offset values for the
Almost-EmptyandAlmost-Fullflags. TheportBAlmost-Emptyflag(
AEB)Offset
register is labeled X1 and the port A Almost-Empty flag (
AEA)Offsetregisteris
labeled X2. The port A Almost-Full flag (
AFA)OffsetregisterislabeledY1and
theportBAlmost-Fullflag(
AFB)OffsetregisterislabeledY2. Theindexofeach
register name corresponds to its FIFO number. The offset registers can be
loadedwithpresetvaluesduringtheresetofaFIFOortheycanbeprogrammed
from port A (see Table 1).
FS0andFS1functionthesamewayinbothIDTStandardandFWFTmodes.
— PRESET VALUES
ToloadtheFIFO'sAlmost-EmptyflagandAlmost-FullflagOffsetregisterswith
oneofthethreepresetvalueslistedinTable1,atleastoneoftheflagselectinputs
mustbeHIGHduringtheLOW-to-HIGHtransitionofitsresetinput. Forexample,
to load the preset value of 64 into X1 and Y1, FS0 and FS1 must be HIGH when
FlFO1Reset(
RST1)returnsHIGH. FlagoffsetregistersassociatedwithFIFO2
are loaded with one of the preset values in the same way with FIFO2 Reset
(
RST2) toggled simultaneously with FIFO1 Reset (RST1). For preset value
loading timing diagram, see Figure 2.
— PARALLEL LOAD FROM PORT A
To program the X1, X2, Y1, and Y2 registers from port A, both FlFOs should
be reset simultaneously with FS0 and FS1 LOW during the LOW-to-HIGH
transitionoftheResetinputs. Itisimportanttonotethatonceparallelprogramming
hasbeenselectedduringaMasterResetbyholdingbothFS0&FS1LOW,these
inputsmustremainLOWduringallsubsequentFIFOoperation. Theycanonly
be toggled HIGH when future Master Resets are performed and other
programming methods are desired.
After this reset is complete, the first four writes to FIFO1 do not store data in
the FIFO memory but load the offset registers in the order Y1, X1, Y2, X2. The
port A data inputs used by the offset registers are (A7-A0), (A8-A0), or (A9-A0)
SIGNAL DESCRIPTION
RESET
After power up, a Master Reset operation must be performed by providing
a LOW pulse to
RST1 and RST2 simultaneously. Afterwards, the FIFO
memories of the IDT723652/723662/723672 are reset separately by taking
theirReset(
RST1,RST2)inputsLOWforatleastfourport-AClock(CLKA)and
four port-B Clock (CLKB) LOW-to-HIGH transitions. The Reset inputs can
switch asynchronously to the clocks. A FIFO reset initializes the internal read
and write pointers and forces the Input Ready flag (IRA, IRB) LOW, the Output
Ready flag (ORA, ORB) LOW, the Almost-Empty flag (
AEA, AEB) LOW, and
theAlmost-Fullflag(
AFA,AFB)HIGH. ResettingaFIFOalsoforcestheMailbox
Flag(
MBF1,MBF2)oftheparallelmailboxregisterHIGH. AfteraFIFOisreset,
itsInputReadyflagissetHIGHaftertwoclockcyclestobeginnormaloperation.
A LOW-to-HIGH transition on a FIFO Reset (
RST1,RST2)inputlatchesthe
value of the Flag Select (FS0, FS1) inputs for choosing the Almost-Full and
Almost-Empty offset programming method. (For details see Table 1, Flag
Programming,andtheProgrammingtheAlmost-EmptyandAlmost-FullFlags
section). The relevant FIFO Reset timing diagram can be found in Figure 2.
FIRST WORD FALL THROUGH (
FWFT)
After Master Reset, the FWFT select function is active, permitting a choice
between two possible timing modes: IDT Standard mode or First Word Fall
Through (FWFT) mode. Once the Reset (
RST1,RST2)inputisHIGH,aHIGH
on the
FWFT input during the next LOW-to-HIGH transition of CLKA (for
FIFO1) and CLKB (for FIFO2) will select IDT Standard mode. This mode uses
the Empty Flag function (
EFA, EFB) to indicate whether or not there are any
words present in the FIFO memory. It uses the Full Flag function (
FFA, FFB)
to indicate whether or not the FIFO memory has any free space for writing. In
IDT Standard mode, every word read from the FIFO, including the first, must
be requested using a formal read operation.
Once the Reset (
RST1, RST2) input is HIGH, a LOW on the FWFT input
during the next LOW-to-HIGH transition of CLKA (for FIFO1) and CLKB (for
FIFO2) will select FWFT mode. This mode uses the Output Ready function
(ORA, ORB) to indicate whether or not there is valid data at the data outputs
(A0-A35orB0-B35). ItalsousestheInputReadyfunction(IRA,IRB)toindicate
whether or not the FIFO memory has any free space for writing. In the FWFT
mode, the first word written to an empty FIFO goes directly to data outputs, no
NOTES:
1. X1 register holds the offset for
AEB; Y1 register holds the offset for AFA.
2. X2 register holds the offset for
AEA; Y2 register holds the offset for AFB.
3. If parallel programming is selected during a Master Reset, then FS0 & FS1 must remain LOW during FIFO operation.
FS1
FS0
RST1
RST2
X1 AND Y1 REGlSTERS(1)
X2 AND Y2 REGlSTERS(2)
HH
X64
X
HH
X
X64
HL
X16
X
HL
X
X16
LH
X8
X
LH
X
X8
LL
↑↑
Parallel programming via Port A(3)
Parallel programming via Port A(3)
TABLE 1 — FLAG PROGRAMMING


Similar Part No. - 723652L12PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723652L12PFG RENESAS-723652L12PFG Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - 723652L12PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605_13 Datasheet
322Kb / 17P
   CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
   CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com