Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

723652L15PFG Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 723652L15PFG
Description  CMOS SyncBiFIFOTM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723652L15PFG Datasheet(HTML) 3 Page - Integrated Device Technology

  723652L15PFG Datasheet HTML 1Page - Integrated Device Technology 723652L15PFG Datasheet HTML 2Page - Integrated Device Technology 723652L15PFG Datasheet HTML 3Page - Integrated Device Technology 723652L15PFG Datasheet HTML 4Page - Integrated Device Technology 723652L15PFG Datasheet HTML 5Page - Integrated Device Technology 723652L15PFG Datasheet HTML 6Page - Integrated Device Technology 723652L15PFG Datasheet HTML 7Page - Integrated Device Technology 723652L15PFG Datasheet HTML 8Page - Integrated Device Technology 723652L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
3
COMMERCIALTEMPERATURERANGE
IDT723652/723662/723672 CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
PIN CONFIGURATION (CONTINUED)
TQFP (PN120-1, order code: PF)
TOP VIEW
5609 drw 03
A35
A34
A33
A32
VCC
A31
A30
GND
A29
A28
A27
A26
A25
A24
A23
FWFT
A22
VCC
A21
A20
A19
A18
GND
A17
A16
A15
A14
A13
VCC
A12
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
B35
B34
B33
B32
GND
B31
B30
B29
B28
B27
B26
VCC
B25
B24
GND
B23
B22
B21
B20
B19
B18
GND
B17
B16
VCC
B15
B14
B13
B12
GND
90
89
88
87
86
85
84
83
82
81
80
79
78
77
76
75
74
73
72
71
70
69
68
67
66
65
64
63
62
61
mode. IR indicates whether or not the FIFO has available memory locations.
OR shows whether the FIFO has data available for reading or not. It marks the
presence of valid data on the outputs.
Each FIFO has a programmable Almost-Empty flag (
AEA and AEB) and a
programmable Almost-Full flag (
AFAandAFB). AEAandAEB indicatewhen
aselectednumberofwordsremainintheFIFOmemory.
AFAandAFBindicate
when the FIFO contains more than a selected number of words.
FFA/IRA, FFB/IRB, AFA and AFB are two-stage synchronized to the port
clockthatwritesdataintoitsarray.
EFA/ORA,EFB/ORB,AEAandAEBaretwo-
stage synchronized to the port clock that reads data from its array. Program-
mable offsets for
AEA,AEB, AFA and AFB areloaded byusingPortA.Three
default offset settings are also provided. The
AEA and AEB threshold can be
set at 8, 16 or 64 locations from the empty boundary and the
AFA and AFB
threshold can be set at 8, 16 or 64 locations from the full boundary. All these
choices are made using the FS0 and FS1 inputs during Reset.
Two or more devices may be used in parallel to create wider data paths. If,
at any time, the FIFO is not actively performing a function, the chip will
automatically power down. During the power down state, supply current
consumption(ICC)isataminimum.Initiatinganyoperation(byactivatingcontrol
inputs) will immediately take the device out of the power down state.
The IDT723652/723662/723672 are characterized for operation from 0
°C
to 70
°C.Industrialtemperaturerange(-40°Cto+85°C)isavailablebyspecial
order. They are fabricated using IDT’s high speed, submicron CMOS
technology.


Similar Part No. - 723652L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723652L15PFG RENESAS-723652L15PFG Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - 723652L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605_13 Datasheet
322Kb / 17P
   CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
   CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com