Electronic Components Datasheet Search |
|
SLP101M350A1P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics |
|
SLP101M350A1P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics |
2 / 9 page 10.0 D+1 max. 6.3±1 L±2 2 x Ø2.0±0.1 Vent PC Board Mounting Holes 1.5 +0.2/-0.1 0.8 +0.2/-0.1 6.3 3.5 0.8 +0.2/-0.1 4.0 mm pin length option (add “A” to end of part #) SLP 562 M 025 A3 P 3 A Case Insulating Type Cap Tolerance Voltage Code Polarity Sleeve Pin Style SLP 821 = 820 µF M = ±20% 025 = 25 Vdc P = Polarized 3 = PVC Blank = 2 pins 332 = 3300 µF 250 = 250 Vdc snap-in 6.3 mm L 103 = 10,000 µF A = 2 pins snap-in 4.0 mm L Diameter Length mm (in) mm (in) 25 30 35 40 45 50 (1.00) (1.18) (1.38) (1.57) (1.77) (2.00) 22 (0.87) A1 A3 A5 A7 A4 A9 25 (1.00) C1 C3 C5 C7 C4 C9 30 (1.18) E1 E3 E5 E7 E4 E9 35 (1.38) H1 H3 H5 H7 H4 H9 Outline Drawing Ratings Type SLP 105 °C Snap-In Aluminum Electrolytic Best Value 105 °C Snap-In Type Part Numbering System 3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal 3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal Cap Catalog (Ω) (A rms) Size (DxL) Cap Catalog (Ω) (A rms) Size (DxL) (μF) Part Number 120 Hz 20kHz 120 Hz 20kHz (mm) (μF) Part Number 120 Hz 20kHz 120 Hz 20kHz (mm) 10 Vdc (13 Vdc Surge) 16 Vdc (20 Vdc Surge) 10000 SLP103M010A1P3 0.073 0.055 1.80 2.25 22 x 25 10000 SLP103M016C1P3 0.066 0.050 2.60 3.25 25 x 25 12000 SLP123M010A3P3 0.061 0.046 2.20 2.75 22 x 30 12000 SLP123M016A5P3 0.055 0.041 2.90 3.63 22 x 35 12000 SLP123M010C1P3 0.061 0.046 2.20 2.75 25 x 25 12000 SLP123M016C3P3 0.055 0.041 2.90 3.63 25 x 30 15000 SLP153M010A5P3 0.049 0.037 2.30 2.88 22 x 35 15000 SLP153M016A7P3 0.044 0.033 3.20 4.00 22 x 40 15000 SLP153M010C1P3 0.049 0.037 2.30 2.88 25 x 25 15000 SLP153M016C5P3 0.044 0.033 3.25 4.06 25 x 35 18000 SLP183M010A7P3 0.041 0.031 2.52 3.15 22 x 40 15000 SLP153M016E1P3 0.044 0.033 3.11 3.89 30 x 25 18000 SLP183M010C3P3 0.041 0.031 2.40 3.00 25 x 30 18000 SLP183M016A4P3 0.037 0.028 3.50 4.38 22 x 45 22000 SLP223M010A4P3 0.033 0.025 2.60 3.25 22 x 45 18000 SLP183M016C7P3 0.037 0.028 3.50 4.38 25 x 40 22000 SLP223M010C5P3 0.033 0.025 2.60 3.25 25 x 35 18000 SLP183M016E3P3 0.037 0.028 3.50 4.38 30 x 30 27000 SLP273M010A9P3 0.027 0.020 3.19 3.99 22 x 50 22000 SLP223M016C4P3 0.030 0.023 3.80 4.75 25 x 45 27000 SLP273M010C7P3 0.027 0.020 3.10 3.88 25 x 40 22000 SLP223M016E3P3 0.030 0.023 3.80 4.75 30 x 30 33000 SLP333M010C4P3 0.022 0.017 3.40 4.25 25 x 45 22000 SLP223M016H3P3 0.030 0.023 3.80 4.75 35 x 30 33000 SLP333M010H3P3 0.022 0.017 3.40 4.25 35 x 30 27000 SLP273M016C9P3 0.025 0.019 4.20 5.25 25 x 50 39000 SLP393M010E7P3 0.019 0.014 3.79 4.74 30 x 40 27000 SLP273M016E5P3 0.025 0.019 4.20 5.25 30 x 35 39000 SLP393M010H3P3 0.019 0.014 3.70 4.63 35 x 30 27000 SLP273M016H3P3 0.025 0.019 4.20 5.25 35 x 30 47000 SLP473M010E4P3 0.016 0.012 4.26 5.33 30 x 45 33000 SLP333M016E7P3 0.020 0.015 4.70 5.88 30 x 40 47000 SLP473M010H5P3 0.016 0.012 4.20 5.25 35 x 35 33000 SLP333M016H5P3 0.020 0.015 4.70 5.88 35 x 35 56000 SLP563M010H7P3 0.013 0.010 5.00 6.25 35 x 40 39000 SLP393M016E4P3 0.017 0.013 4.90 6.13 30 x 45 16 Vdc (20 Vdc Surge) 39000 SLP393M016H7P3 0.017 0.013 5.10 6.38 35 x 40 6800 SLP682M016A1P3 0.098 0.074 2.20 2.75 22 x 25 47000 SLP473M016E9P3 0.014 0.011 5.27 6.59 30 x 50 8200 SLP822M016A3P3 0.081 0.061 2.40 3.00 22 x 30 47000 SLP473M016H4P3 0.014 0.011 5.50 6.88 35 x 45 10000 SLP103M016A3P3 0.066 0.050 2.60 3.25 22 x 30 Additional Voltages and Sizes available at www.cde.com/catalogs/SLP.pdf CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 |
Similar Part No. - SLP101M350A1P3 |
|
Similar Description - SLP101M350A1P3 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |