Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SLP101M420C1P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SLP101M420C1P3
Description  Best for switching power supplies
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLP101M420C1P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SLP101M420C1P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLP101M420C1P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
10.0
D+1 max.
6.3±1
L±2
2 x Ø2.0±0.1
Vent
PC Board Mounting Holes
1.5 +0.2/-0.1
0.8 +0.2/-0.1
6.3 3.5
0.8 +0.2/-0.1
4.0 mm pin length option
(add “A” to end of part #)
SLP
562
M
025
A3
P
3
A
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Polarity
Sleeve
Pin Style
SLP
821 = 820 µF
M = ±20%
025 = 25 Vdc
P = Polarized
3 = PVC
Blank = 2 pins
332 = 3300 µF
250 = 250 Vdc
snap-in 6.3 mm L
103 = 10,000 µF
A = 2 pins snap-in
4.0 mm L
Diameter
Length
mm
(in)
mm
(in)
25
30
35
40
45
50
(1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22
(0.87)
A1
A3
A5
A7
A4
A9
25
(1.00)
C1
C3
C5
C7
C4
C9
30
(1.18)
E1
E3
E5
E7
E4
E9
35
(1.38)
H1
H3
H5
H7
H4
H9
Outline Drawing
Ratings
Type SLP 105 °C Snap-In Aluminum Electrolytic
Best Value 105 °C Snap-In Type
Part Numbering System
3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal
3000 h @ 105 ºC Max 25 °C ESR Max 105 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
10 Vdc (13 Vdc Surge)
16 Vdc (20 Vdc Surge)
10000
SLP103M010A1P3
0.073
0.055
1.80
2.25
22 x 25
10000 SLP103M016C1P3
0.066 0.050
2.60
3.25
25 x 25
12000
SLP123M010A3P3
0.061
0.046
2.20
2.75
22 x 30
12000 SLP123M016A5P3
0.055 0.041
2.90
3.63
22 x 35
12000
SLP123M010C1P3
0.061
0.046
2.20
2.75
25 x 25
12000 SLP123M016C3P3
0.055 0.041
2.90
3.63
25 x 30
15000
SLP153M010A5P3
0.049
0.037
2.30
2.88
22 x 35
15000 SLP153M016A7P3
0.044 0.033
3.20
4.00
22 x 40
15000
SLP153M010C1P3
0.049
0.037
2.30
2.88
25 x 25
15000 SLP153M016C5P3
0.044 0.033
3.25
4.06
25 x 35
18000
SLP183M010A7P3
0.041
0.031
2.52
3.15
22 x 40
15000 SLP153M016E1P3
0.044 0.033
3.11
3.89
30 x 25
18000
SLP183M010C3P3
0.041
0.031
2.40
3.00
25 x 30
18000 SLP183M016A4P3
0.037 0.028
3.50
4.38
22 x 45
22000
SLP223M010A4P3
0.033
0.025
2.60
3.25
22 x 45
18000 SLP183M016C7P3
0.037 0.028
3.50
4.38
25 x 40
22000
SLP223M010C5P3
0.033
0.025
2.60
3.25
25 x 35
18000 SLP183M016E3P3
0.037 0.028
3.50
4.38
30 x 30
27000
SLP273M010A9P3
0.027
0.020
3.19
3.99
22 x 50
22000 SLP223M016C4P3
0.030 0.023
3.80
4.75
25 x 45
27000
SLP273M010C7P3
0.027
0.020
3.10
3.88
25 x 40
22000 SLP223M016E3P3
0.030 0.023
3.80
4.75
30 x 30
33000
SLP333M010C4P3
0.022
0.017
3.40
4.25
25 x 45
22000 SLP223M016H3P3
0.030 0.023
3.80
4.75
35 x 30
33000
SLP333M010H3P3
0.022
0.017
3.40
4.25
35 x 30
27000 SLP273M016C9P3
0.025 0.019
4.20
5.25
25 x 50
39000
SLP393M010E7P3
0.019
0.014
3.79
4.74
30 x 40
27000 SLP273M016E5P3
0.025 0.019
4.20
5.25
30 x 35
39000
SLP393M010H3P3
0.019
0.014
3.70
4.63
35 x 30
27000 SLP273M016H3P3
0.025 0.019
4.20
5.25
35 x 30
47000
SLP473M010E4P3
0.016
0.012
4.26
5.33
30 x 45
33000 SLP333M016E7P3
0.020 0.015
4.70
5.88
30 x 40
47000
SLP473M010H5P3
0.016
0.012
4.20
5.25
35 x 35
33000 SLP333M016H5P3
0.020 0.015
4.70
5.88
35 x 35
56000
SLP563M010H7P3
0.013
0.010
5.00
6.25
35 x 40
39000 SLP393M016E4P3
0.017 0.013
4.90
6.13
30 x 45
16 Vdc (20 Vdc Surge)
39000 SLP393M016H7P3
0.017 0.013
5.10
6.38
35 x 40
6800
SLP682M016A1P3
0.098
0.074
2.20
2.75
22 x 25
47000 SLP473M016E9P3
0.014 0.011
5.27
6.59
30 x 50
8200
SLP822M016A3P3
0.081
0.061
2.40
3.00
22 x 30
47000 SLP473M016H4P3
0.014 0.011
5.50
6.88
35 x 45
10000
SLP103M016A3P3
0.066
0.050
2.60
3.25
22 x 30
Additional Voltages and Sizes available at www.cde.com/catalogs/SLP.pdf
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLP101M420C1P3

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SLP100-177-01 ETC2-SLP100-177-01 Datasheet
184Kb / 1P
   Material Rivet Nylon 6/6, Mandrel Polycarbonate
SLP100-221-01 ETC2-SLP100-221-01 Datasheet
184Kb / 1P
   Material Rivet Nylon 6/6, Mandrel Polycarbonate
SLP100-236-01 ETC2-SLP100-236-01 Datasheet
184Kb / 1P
   Material Rivet Nylon 6/6, Mandrel Polycarbonate
SLP100-245-01 ETC2-SLP100-245-01 Datasheet
184Kb / 1P
   Material Rivet Nylon 6/6, Mandrel Polycarbonate
SLP100-307-01 ETC2-SLP100-307-01 Datasheet
184Kb / 1P
   Material Rivet Nylon 6/6, Mandrel Polycarbonate
More results

Similar Description - SLP101M420C1P3

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ER9 TDK-ER9 Datasheet
250Kb / 4P
   For Switching Power Supplies SMD Cores
logo
Nichicon corporation
UPJ1J181MPD NICHICON-UPJ1J181MPD Datasheet
106Kb / 7P
   Low Impedance, For Switching Power Supplies
logo
Total Power Internation...
TPLBU09A TOTAL-POWER-TPLBU09A Datasheet
200Kb / 2P
   Switching Power Supplies
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-BX-3000-12 TAB-TDRSP-BX-3000-12 Datasheet
465Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
PTCP-5-80 TECHNOLOGY-PTCP-5-80 Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
NTDX-6000-12 TAB-NTDX-6000-12 Datasheet
380Kb / 2P
   SWITCHING POWER SUPPLIES
PTCP TAB-PTCP Datasheet
255Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Technology Dynamics Inc...
TDRSP-1000-12 TECHNOLOGY-TDRSP-1000-12 Datasheet
410Kb / 2P
   SWITCHING POWER SUPPLIES
logo
Balluff Korea Ltd.
BAE0111 BALLUFF-BAE0111 Datasheet
126Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
BAE0112 BALLUFF-BAE0112 Datasheet
124Kb / 2P
   Switching Power Supplies
0.28_2021-12-17
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com