Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MDWC0340EB Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDWC0340EB
Description  Common-Drain Dual N-Channel Trench MOSFET 12V, 13.6A, 2.5 m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDWC0340EB Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDWC0340EB Datasheet HTML 1Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 2Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 3Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 4Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 5Page - MagnaChip Semiconductor. MDWC0340EB Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Dec. 2016. Rev 1.0
MagnaChip Semiconductor Ltd.
5
Package Dimension
MDWC0340EB WLCSP POD(Package Outline Dimension)
Contents
Value
Chip Thickness (Min. / Typ. / Max.)
110 / 140 / 190 ㎛
Metal (Gate PAD)
Al-Cu-Si
Metal (Source PAD)
Cu/Ni/Au
Passivation Layer
Yes
Chip Size
3,540±40 ×1,770±40 ㎛
2
Gate Pad Open Size
Ø250 ㎛
Packaging
5,000 pcs / 1 reel


Similar Part No. - MDWC0340EB

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDWC0337E MGCHIP-MDWC0337E Datasheet
976Kb / 6P
   Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
MDWC0337ERH MGCHIP-MDWC0337ERH Datasheet
976Kb / 6P
   Common-Drain Dual N-Channel Trench MOSFET 20V,6.4A,8.3 m(ohm)
More results

Similar Description - MDWC0340EB

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AOC3860 AOSMD-AOC3860 Datasheet
350Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AOCA24108E AOSMD-AOCA24108E Datasheet
448Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: July 2018
AOC3868 AOSMD-AOC3868 Datasheet
366Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AOCA32107E AOSMD-AOCA32107E Datasheet
500Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: February 2020
AOC3870 AOSMD-AOC3870 Datasheet
438Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AOCA24106C AOSMD-AOCA24106C Datasheet
554Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
Rev.1.0: April 2020
AOC3860A AOSMD-AOC3860A Datasheet
387Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AOC3862 AOSMD-AOC3862 Datasheet
324Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
AOC3870C AOSMD-AOC3870C Datasheet
700Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
Rev.1.1: March 2020
AOC3870A AOSMD-AOC3870A Datasheet
413Kb / 5P
   12V Common-Drain Dual N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com