Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMD60R900P Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MMD60R900P
Description  600V 0.9(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMD60R900P Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MMD60R900P Datasheet HTML 1Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 2Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 3Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 4Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 5Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 6Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 7Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 8Page - MagnaChip Semiconductor. MMD60R900P Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMD60R900P Datasheet
Jul. 2013 Revision 1.0
MagnaChip Semiconductor Ltd.
4
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Continuous Diode Forward
Current
ISD
-
-
4.5
A
Diode Forward Voltage
VSD
-
-
1.4
V
ISD = 4.5 A, VGS = 0 V
Reverse Recovery Time
trr
-
232
-
ns
ISD = 4.5 A
di/dt = 100 A/μs
VDD = 100 V
Reverse Recovery Charge
Qrr
-
1.4
-
μC
Reverse Recovery Current
Irrm
-
12.4
-
A
 Reverse Diode Characteristics (T
c=25℃ unless otherwise specified)


Similar Part No. - MMD60R900P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMD60R900PRH ISC-MMD60R900PRH Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMD60R900P

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMIS60R900P MGCHIP-MMIS60R900P Datasheet
1Mb / 11P
   600V 0.9(ohm) N-channel MOSFET
MMD80R900P MGCHIP-MMD80R900P Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMD70R900P MGCHIP-MMD70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
MMF70R900P MGCHIP-MMF70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
MMF80R900PC MGCHIP-MMF80R900PC Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMD80R900PC MGCHIP-MMD80R900PC Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMIS70R900P MGCHIP-MMIS70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
MMF80R900P MGCHIP-MMF80R900P Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMP80R900PC MGCHIP-MMP80R900PC Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
logo
Taiwan Semiconductor Co...
TSM60N900 TSC-TSM60N900 Datasheet
957Kb / 9P
   600V, 4.5A, 0.9廓 N-Channel Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com