Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMD70R1K4PRH Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MMD70R1K4PRH
Description  700V 1.4(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMD70R1K4PRH Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MMD70R1K4PRH Datasheet HTML 1Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 2Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 3Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 4Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 5Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 6Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 7Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 8Page - MagnaChip Semiconductor. MMD70R1K4PRH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
MMD70R1K4P Datasheet
Aug. 2013 Revision 1.0
MagnaChip Semiconductor Ltd.
2
Parameter
Symbol
Rating
Unit
Note
Drain
– Source voltage
VDSS
700
V
Gate
– Source voltage
VGSS
±30
V
Continuous drain current
ID
3.2
A
TC=25℃
2
A
TC=100℃
Pulsed drain current
(1)
IDM
9.6
A
Power dissipation
PD
33
W
Single - pulse avalanche energy
EAS
26
mJ
MOSFET dv/dt ruggedness
dv/dt
50
V/ns
Diode dv/dt ruggedness
dv/dt
15
V/ns
Storage temperature
Tstg
-55 ~150
Maximum operating junction
temperature
Tj
150
1)
Pulse width tP limited by Tj,max
2)
ISD ≤ ID, VDS peak ≤ V(BR)DSS
Parameter
Symbol
Value
Unit
Thermal resistance, junction-case max
Rthjc
3.8
℃/W
Thermal resistance, junction-ambient max
Rthja
62.5
℃/W
 Thermal Characteristics
 Absolute Maximum Rating (T
c=25℃ unless otherwise specified)


Similar Part No. - MMD70R1K4PRH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMD70R1K4PRH ISC-MMD70R1K4PRH Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMD70R1K4PRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMHS70R1K4P MGCHIP-MMHS70R1K4P Datasheet
471Kb / 7P
   700V 1.4(ohm) N-channel MOSFET
MMIS70H900Q MGCHIP-MMIS70H900Q Datasheet
1Mb / 9P
   700V 1.4(ohm) N-channel MOSFET
MMIS70R1K4P MGCHIP-MMIS70R1K4P Datasheet
1Mb / 9P
   700V 1.4(ohm) N-channel MOSFET
MMD70R750P MGCHIP-MMD70R750P Datasheet
1Mb / 10P
   700V 0.75(ohm) N-channel MOSFET
MMIS70R900P MGCHIP-MMIS70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
MMFT70R380P MGCHIP-MMFT70R380P Datasheet
1Mb / 10P
   700V 0.38(ohm) N-channel MOSFET
MMF70R600P MGCHIP-MMF70R600P Datasheet
1Mb / 10P
   700V 0.6(ohm) N-channel MOSFET
MMD70R600P MGCHIP-MMD70R600P Datasheet
1Mb / 10P
   700V 0.6(ohm) N-channel MOSFET
MMD70R900P MGCHIP-MMD70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
MMF70R900P MGCHIP-MMF70R900P Datasheet
1Mb / 10P
   700V 0.9(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com