Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMF60R190PTH Datasheet(PDF) 7 Page - MagnaChip Semiconductor.

Part # MMF60R190PTH
Description  600V 0.19(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMF60R190PTH Datasheet(HTML) 7 Page - MagnaChip Semiconductor.

Back Button MMF60R190PTH Datasheet HTML 2Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 3Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 4Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 5Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 6Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 7Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 8Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 9Page - MagnaChip Semiconductor. MMF60R190PTH Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
MMF60R190P Datasheet
Jun. 2013 Revision 1.1
MagnaChip Semiconductor Ltd.
7


Similar Part No. - MMF60R190PTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMF60R190PTH ISC-MMF60R190PTH Datasheet
322Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMF60R190PTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMQ60R190P MGCHIP-MMQ60R190P Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
MMF60R190Q MGCHIP-MMF60R190Q Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
MMP60R190P MGCHIP-MMP60R190P Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
MMP65R190P MGCHIP-MMP65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
MMF65R190P MGCHIP-MMF65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
logo
Taiwan Semiconductor Co...
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
   N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Fairchild Semiconductor
FDH27N50 FAIRCHILD-FDH27N50 Datasheet
183Kb / 6P
   27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
logo
MagnaChip Semiconductor...
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMFT60R290PC MGCHIP-MMFT60R290PC Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
   600V 0.07(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com