Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH182A104JL Datasheet(PDF) 5 Page - Rohm

Part # MCH182A104JL
Description  Multi-layer ceramic chip capacitors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

MCH182A104JL Datasheet(HTML) 5 Page - Rohm

  MCH182A104JL Datasheet HTML 1Page - Rohm MCH182A104JL Datasheet HTML 2Page - Rohm MCH182A104JL Datasheet HTML 3Page - Rohm MCH182A104JL Datasheet HTML 4Page - Rohm MCH182A104JL Datasheet HTML 5Page - Rohm MCH182A104JL Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
φ180mm Plastic reel
φ330mm Plastic reel
E
I
A
JE
T
-
7
2
0
1
Ac
o
m
p
l
i
a
n
t
11.4
±1.0
Label position
Label position
13.5
±1.0
12
Slider
Shutter
36
110
Multi-layer Ceramic
Chip Capacitors
2004
MCH03 Series 0603(0201)Size
MCH15 Series 1005(0402)Size
MCH18 Series 1608(0603)Size
MCH21 Series 2012(0805)Size
MCH31 Series 3216(1206)Size
MCH32 Series 3225(1210)Size
MCH43 Series 4532(1812)Size
MCH55 Series 5750(2220)Size
Packing specification
Reel dimensions (Unit:mm)
Bulk case dimensions (Unit:mm)
For fundamental considerations on capacitors, refe to Electric Industries Association of Japan, technical report,
"EIAJ RCR-2333,Guideline of notabilia for fixed multilayer ceramic capacitors for use in electronic equipment".
MCH03
MCH15
MCH18
MCH21
MCH31
MCH32
MCH43
MCH55
MCH15
MCH18
MCH15
MCH18


Similar Part No. - MCH182A104JL

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH182A103CC ROHM-MCH182A103CC Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
MCH182A103CK ROHM-MCH182A103CK Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
MCH182A103CL ROHM-MCH182A103CL Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
MCH182A103DC ROHM-MCH182A103DC Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
MCH182A103DK ROHM-MCH182A103DK Datasheet
846Kb / 6P
   1608(0603)Size chip capacitors
More results

Similar Description - MCH182A104JL

ManufacturerPart #DatasheetDescription
logo
Rohm
MCH02 ROHM-MCH02 Datasheet
78Kb / 7P
   Multi-layer ceramic chip capacitors
MCH43 ROHM-MCH43 Datasheet
156Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A151JK ROHM-MCH155A151JK Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
MCH55 ROHM-MCH55 Datasheet
185Kb / 10P
   Multi-layer ceramic chip capacitors
MCH185A221JK ROHM-MCH185A221JK Datasheet
132Kb / 10P
   Multi-layer ceramic chip capacitors
MCH03 ROHM-MCH03 Datasheet
215Kb / 13P
   Multi-layer ceramic chip capacitors
MCH31 ROHM-MCH31 Datasheet
229Kb / 11P
   Multi-layer ceramic chip capacitors
MCH155A ROHM-MCH155A Datasheet
123Kb / 10P
   Multi-layer ceramic chip capacitors
logo
SAMWHA ELECTRIC
CS0603C0G104B6R3NRA SAMWHA-CS0603C0G104B6R3NRA Datasheet
774Kb / 14P
   Multi Layer Ceramic Capacitors
logo
Central Technologies
CTLL1608FH CT-CTLL1608FH Datasheet
482Kb / 1P
   Multi-layer Chip Inductors - Ceramic
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com