Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT9043AN Datasheet(PDF) 9 Page - Zarlink Semiconductor Inc

Part # MT9043AN
Description  T1/E1 System Synchronizer
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

MT9043AN Datasheet(HTML) 9 Page - Zarlink Semiconductor Inc

Back Button MT9043AN Datasheet HTML 5Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 6Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 7Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 8Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 9Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 10Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 11Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 12Page - Zarlink Semiconductor Inc MT9043AN Datasheet HTML 13Page - Zarlink Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
MT9043
Data Sheet
9
Zarlink Semiconductor Inc.
As shown in Table 3, the Mode/Control Select pin MS selects the mode. Refer to Table 4 and Figure 7 for details of
the state change sequences.
Normal Mode
Normal Mode is typically used when a slave clock source, synchronized to the network is required.
In Normal Mode, the MT9043 provides timing (C1.5o, C2o, C4o, C8o, C16o and C19o) and frame synchronization
(F0o, F8o, F16o, TSP and RSP) signals, which are synchronized to one of two reference inputs (PRI or SEC). The
input reference signal may have a nominal frequency of 8kHz, 1.544MHz, 2.048MHz or 19.44MHz.
From a reset condition, the MT9043 will take up to 30 seconds (see AC Electrical Characteristics) of input reference
signal to output signals which are synchronized (phase locked) to the reference input.
The selection of input references is control dependent as shown in state table 4. The reference frequencies are
selected by the frequency control pins FS2 and FS1 as shown in Table 1.
Fast Lock Mode
Fast Lock Mode is a submode of Normal Mode, it is used to allow the MT9043 to lock to a reference more quickly
than Normal mode will allow. Typically, the PLL will lock to the incoming reference within 500 ms if the FLOCK pin is
set high.
Freerun Mode
Freerun Mode is typically used when a master clock source is required, or immediately following system power-up
before network synchronization is achieved.
In Freerun Mode, the MT9043 provides timing and synchronization signals which are based on the master clock
frequency (OSCi) only, and are not synchronized to the reference signals (PRI and SEC).
The accuracy of the output clock is equal to the accuracy of the master clock (OSCi). So if a
±32ppm output clock
is required, the master clock must also be
±32ppm. See Applications - Crystal and Clock Oscillator sections.
MT9043 Measures of Performance
The following are some synchronizer performance indicators and their corresponding definitions.
Intrinsic Jitter
Intrinsic jitter is the jitter produced by the synchronizing circuit and is measured at its output. It is measured by
applying a reference signal with no jitter to the input of the device, and measuring its output jitter. Intrinsic jitter may
also be measured when the device is free running by measuring the output jitter of the device. Intrinsic jitter is
usually measured with various bandlimiting filters depending on the applicable standards. In the MT9043, the
intrinsic Jitter is limited to less than 0.02UI on the 2.048MHz and 1.544MHz clocks.
Jitter Tolerance
Jitter tolerance is a measure of the ability of a PLL to operate properly (i.e., remain in lock and or regain lock in the
presence of large jitter magnitudes at various jitter frequencies) when jitter is applied to its reference. The applied
jitter magnitude and jitter frequency depends on the applicable standards.
Jitter Transfer
Jitter transfer or jitter attenuation refers to the magnitude of jitter at the output of a device for a given amount of jitter
at the input of the device. Input jitter is applied at various amplitudes and frequencies, and output jitter is measured
with various filters depending on the applicable standards.


Similar Part No. - MT9043AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9040 ZARLINK-MT9040 Datasheet
424Kb / 27P
   T1/E1 Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401 ZARLINK-MT90401 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
MT90401AB ZARLINK-MT90401AB Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
MT90401AB1 ZARLINK-MT90401AB1 Datasheet
650Kb / 38P
   SONET/SDH System Synchronizer
More results

Similar Description - MT9043AN

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL30100 ZARLINK-ZL30100_06 Datasheet
384Kb / 36P
   T1/E1 System Synchronizer
ZL30100 ZARLINK-ZL30100 Datasheet
560Kb / 34P
   T1/E1 System Synchronizer
logo
Mitel Networks Corporat...
MT9041B MITEL-MT9041B Datasheet
72Kb / 19P
   T1/E1 System Synchronizer
logo
List of Unclassifed Man...
PT7A4410 ETC1-PT7A4410 Datasheet
291Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Zarlink Semiconductor I...
MT9045 ZARLINK-MT9045 Datasheet
495Kb / 34P
   T1/E1/OC3 System Synchronizer
logo
Mitel Networks Corporat...
MT9044 MITEL-MT9044 Datasheet
120Kb / 30P
   T1/E1/OC3 System Synchronizer
logo
List of Unclassifed Man...
PT7A4401C ETC-PT7A4401C Datasheet
154Kb / 27P
   PT7A4401C T1/E1 System Synchronizer
logo
Zarlink Semiconductor I...
ZL30101 ZARLINK-ZL30101_06 Datasheet
364Kb / 35P
   T1/E1 Stratum 3 System Synchronizer
ZL30101 ZARLINK-ZL30101 Datasheet
534Kb / 34P
   T1/E1 Stratum 3 System Synchronizer
MT9046 ZARLINK-MT9046 Datasheet
508Kb / 34P
   T1/E1 System Synchronizer with Holdover
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com