Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MURA140T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # MURA140T3
Description  Surface Mount Ultrafast Power Rectifiers
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MURA140T3 Datasheet(HTML) 1 Page - ON Semiconductor

  MURA140T3 Datasheet HTML 1Page - ON Semiconductor MURA140T3 Datasheet HTML 2Page - ON Semiconductor MURA140T3 Datasheet HTML 3Page - ON Semiconductor MURA140T3 Datasheet HTML 4Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© Semiconductor Components Industries, LLC, 2003
January, 2003 - Rev. 3
1
Publication Order Number:
MURA130T3/D
MURA130T3, MURA140T3
Preferred Devices
Surface Mount
Ultrafast Power Rectifiers
Ideally suited for high voltage, high frequency rectification, or as
free wheeling and protection diodes in surface mount applications
where compact size and weight are critical to the system.
Small Compact Surface Mountable Package with J-Bend Leads
Rectangular Package for Automated Handling
High Temperature Glass Passivated Junction
Low Forward Voltage Drop (0.8 Volts Max @ 1.0 A, T
J = 150°C)
Mechanical Characteristics:
Case: Epoxy, Molded
Weight: 70 mg (approximately)
Finish: All External Surfaces Corrosion Resistant and Terminal
Leads are Readily Solderable
Lead and Mounting Surface Temperature for Soldering Purposes:
260
°C Max. for 10 Seconds
Shipped in 12 mm Tape and Reel, 5000 units per reel
Polarity: Polarity Band Indicates Cathode Lead
ESD Protection: Human Body Model > 4000 V (Class 3)
ESD Protection: Machine Model > 400 V (Class C)
Marking: U4F, U4G
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
MURA130T3
MURA140T3
VRRM
VRWM
VR
300
400
V
Average Rectified Forward Current
@ TL = 150°C
@ TL = 125°C
IF(AV)
1.0
2.0
A
Non-Repetitive Peak Surge Current
(Surge Applied at Rated Load Conditions
Halfwave, Single Phase, 60 Hz)
IFSM
35
A
Operating Junction Temperature Range
TJ
- 65 to
+175
°C
Device
Package
Shipping
ORDERING INFORMATION
MURA130T3
SMA
5000/Tape & Reel
MURA140T3
SMA
5000/Tape & Reel
ULTRAFAST RECTIFIERS
1 AMPERE
300-400 VOLTS
SMA
CASE 403D
PLASTIC
MARKING
DIAGRAM
Preferred devices are recommended choices for future use
and best overall value.
x = F (130T3)
G (140T3)
U4x
http://onsemi.com


Similar Part No. - MURA140T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MURA140T3 ONSEMI-MURA140T3 Datasheet
48Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
February, 2006 ??Rev. 4
MURA140T3G ONSEMI-MURA140T3G Datasheet
48Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
February, 2006 ??Rev. 4
MURA140T3G ONSEMI-MURA140T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA140T3G ONSEMI-MURA140T3G Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 6
logo
Thinki Semiconductor Co...
MURA140T3G THINKISEMI-MURA140T3G Datasheet
266Kb / 2P
   1.0 Ampere Surface Mount Type Ultra Fast Recovery Rectifier Diode
More results

Similar Description - MURA140T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SURA8240T3G ONSEMI-SURA8240T3G Datasheet
115Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 4
SURS8220T3G ONSEMI-SURS8220T3G Datasheet
150Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 3
MURA105T3G ONSEMI-MURA105T3G Datasheet
129Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
January, 2012 ??Rev. 5
MURA115 ONSEMI-MURA115 Datasheet
56Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURS230T3G ONSEMI-MURS230T3G Datasheet
60Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
October, 2016 ??Rev. 9
MURA115T3 ONSEMI-MURA115T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS260T3 ONSEMI-MURS260T3 Datasheet
61Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
October, 2004 ??Rev. 2
MURS360BT3 ONSEMI-MURS360BT3 Datasheet
98Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
June, 2007 - Rev. 1
logo
Shenzhen Taychipst Elec...
MURA205T3 TAYCHIPST-MURA205T3 Datasheet
8Mb / 3P
   Surface Mount Ultrafast Power Rectifiers
logo
ON Semiconductor
MURA105T3 ONSEMI-MURA105T3 Datasheet
39Kb / 4P
   Surface Mount Ultrafast Power Rectifiers
January, 2003 - Rev. 3
MURS360BT3 ONSEMI-MURS360BT3_11 Datasheet
96Kb / 5P
   Surface Mount Ultrafast Power Rectifiers
May, 2011 ??Rev. 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com