Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX633 Datasheet(PDF) 11 Page - Microsemi Corporation

Part # MX633
Description  CALL PROCRESS TONE DETECTOR
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

MX633 Datasheet(HTML) 11 Page - Microsemi Corporation

Back Button MX633 Datasheet HTML 3Page - Microsemi Corporation MX633 Datasheet HTML 4Page - Microsemi Corporation MX633 Datasheet HTML 5Page - Microsemi Corporation MX633 Datasheet HTML 6Page - Microsemi Corporation MX633 Datasheet HTML 7Page - Microsemi Corporation MX633 Datasheet HTML 8Page - Microsemi Corporation MX633 Datasheet HTML 9Page - Microsemi Corporation MX633 Datasheet HTML 10Page - Microsemi Corporation MX633 Datasheet HTML 11Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Call Progress Tone Detector
11
MX633 - PRELIMINARY INFORMATION
© 1997 MX
•COM Inc.
www.mxcom.com Tele: 800 638-5577 910 744-5050
Fax: 910 744-5054
Doc. # 20480135.003
4800 Bethania Station Road, Winston-Salem, NC 27105-1201 USA
All trademarks and service marks are held by their respective companies.
5.2 Packaging
A
B
PIN1
M
J1
Y
E1
T
E
K
K1
P
H
C
J
F
L
A
B
C
E
E1
F
H
TYP.
MAX.
MIN.
DIM.
J
J1
P
Y
T
K1
K
L
M
0.200 (5.06)
0.260 (6.60)
0.390 (9.87).
0.150 (3.81)
0.400 (10.16)
0.145 (3.68)
0.100 (2.54)
0.121 (3.07)
0.020 (0.51)
0.300 (7.62)
0.290 (7.37)
0.325 (8.22)
0.30 (7.62)
0.040 (1.01)
0.008 (0.20)
0.015 (0.38)
0.015 (0.38)
0.023 (0.58)
0.045 (1.14)
0.065 (1.65)
0.060 (1.52)
0.060 (1.52)
0.346 (8.790)
0.240 (6.10)
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
0.015 (0.38)
0.033 (0.84)
Figure 7 : 8-pin PDIP Mechanical Outline:
Order as part no. MX633P
PIN 1
A
B
ALTERNATIVE
PIN
LOCATION
MARKING
X
P
J
Y
C
K
H
E
L
T
W
Z
NOTE : All dimensions in inches (mm.)
Angles are in degrees
Package Tolerances
A
B
C
E
H
TYP.
MAX.
MIN.
DIM.
J
P
X
W
T
Y
K
L
0.105 (2.67)
0.093 (2.36)
0.419 (10.64)
45°
10°
0.050 (1.27)
0.041 (1.04)
0.413 (10.49)
0.299 (7.59)
0.050 (1.27)
0.016 (0.41)
0.390 (9.90)
0.020 (0.51)
0.003 (0.08)
0.009 (0.23)
0.0125 (0.32)
0.013 (0.33)
0.020 (0.51)
0.395 (10.03)
0.286 (7.26)
Z
Figure 8 : 16-pin SOIC Mechanical Outline:
Order as part no. MX633DW


Similar Part No. - MX633

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
MX631 CMLMICRO-MX631 Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
MX631DW CMLMICRO-MX631DW Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
MX631P CMLMICRO-MX631P Datasheet
141Kb / 9P
   LOW VOLTAGE SPM DETECTOR
logo
Maxim Integrated Produc...
MX636 MAXIM-MX636 Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
MX636JC/D MAXIM-MX636JC/D Datasheet
123Kb / 12P
   True RMS-to-DC Converters
Rev 2; 3/96
More results

Similar Description - MX633

ManufacturerPart #DatasheetDescription
logo
CML Microcircuits
FX643 CMLMICRO-FX643 Datasheet
274Kb / 14P
   Call Progress Tone Detector
logo
List of Unclassifed Man...
FX633 ETC-FX633 Datasheet
331Kb / 12P
   Call Progress Tone Detector
logo
CML Microcircuits
FX633 CMLMICRO-FX633 Datasheet
299Kb / 13P
   Call Progress Tone Detector
logo
Holtek Semiconductor In...
HT9020B HOLTEK-HT9020B Datasheet
120Kb / 7P
   Call Progress Tone Detector
logo
Clare, Inc.
M-982-02 CLARE-M-982-02 Datasheet
200Kb / 7P
   Precise Call Progress Tone Detector
logo
List of Unclassifed Man...
MX623 ETC-MX623 Datasheet
59Kb / 6P
   Line-Powered Call Progress Tone Detector
logo
IXYS Corporation
M-980-02 IXYS-M-980-02 Datasheet
206Kb / 7P
   3V/5V General Purpose Call Progress Tone Detector
logo
Clare, Inc.
M-980-02 CLARE-M-980-02 Datasheet
181Kb / 6P
   3V/5V General Purpose Call Progress Tone Detector
logo
List of Unclassifed Man...
FX623 ETC-FX623 Datasheet
49Kb / 6P
   Call Progress Tone Decoder
logo
Clare, Inc.
M-991 CLARE-M-991 Datasheet
171Kb / 6P
   Call Progress Tone Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com