Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FR1603 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # FR1603
Description  16.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

FR1603 Datasheet(HTML) 2 Page - Nanjing International Group Co

  FR1603 Datasheet HTML 1Page - Nanjing International Group Co FR1603 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1
10
100
0.1
500
RATING AND CHARACTERISTIC CURVES (FR1601 THRU FR1606)
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
24
20
16
12
8
4
(+)
(+)
25Vdc
(approx.)
( )
( )
PULSE
GENERATOR
(NOTE 2)
OSCILLISCOPE
(NOTE 1)
1
NON-
INDUCTIVE
NOTES: 1. Rise Time= 7ns max., Input Impedance= 1 megohm.22pF.
2. Rise Time= 10ns max., Source Impedance= 50 ohms.
+0.5A
0
-0.25A
-1.0A
|
|
|
|
|
|
|
|
1cm
SET TIME BASE FOR
50 / 10ns / cm
trr
D.U.T.
.6
.8
1.0 1.2 1.4 1.6 1.8 2.0
40
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
CASE TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
10
NONINDUCTIVE
50
NONINDUCTIVE
Tj=25 C
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
140
120
100
80
60
40
20
0
.01
.05
.1
.5
1
5
10
50
100
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
50
0
100
150
200
250
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
0
FIG.1-TYPICAL FORWARD


Similar Part No. - FR1603

ManufacturerPart #DatasheetDescription
logo
Bytes
FR1603 BYTES-FR1603 Datasheet
160Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
FR1603 FORMOSA-FR1603 Datasheet
37Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
DAESAN ELECTRONIC CORP.
FR1603 DAESAN-FR1603 Datasheet
290Kb / 2P
   CURRENT 16.0 Amperes VOLTAGE 50 to 1000 Volts
logo
First Components Intern...
FR1603 FCI-FR1603 Datasheet
153Kb / 2P
   16 Amp PLASTIC SILICON RECTIFIERS
logo
UNIOHM CORPORATION
FR1603 UNIOHM-FR1603 Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
More results

Similar Description - FR1603

ManufacturerPart #DatasheetDescription
logo
Formosa MS
FR1601 FORMOSA-FR1601 Datasheet
37Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Bytes
FR1601 BYTES-FR1601 Datasheet
160Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Goodwork Semiconductor ...
FR1601CT GWSEMI-FR1601CT Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1605-2C16A-2CTO-220AB DGNJDZ-FR1605-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
UNIOHM CORPORATION
FR1601 UNIOHM-FR1601 Datasheet
71Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
FR1601 DGNJDZ-FR1601 Datasheet
180Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1602-2C16A-2CTO-220AB DGNJDZ-FR1602-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1603-2C16A-2CTO-220AB DGNJDZ-FR1603-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1604-2C16A-2CTO-220AB DGNJDZ-FR1604-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
FR1606-2C16A-2CTO-220AB DGNJDZ-FR1606-2C16A-2CTO-220AB Datasheet
213Kb / 2P
   16.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com