Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMR611NGULCLFS Datasheet(PDF) 1 Page - C&K Components

Part # KMR611NGULCLFS
Description  Standard and long life versions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR611NGULCLFS Datasheet(HTML) 1 Page - C&K Components

  KMR611NGULCLFS Datasheet HTML 1Page - C&K Components KMR611NGULCLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Contact Material
1 Silver
2 Silver long life*
3 Gold
* Silver long life is available in 3N and 4N actuation force. For other versions, please contact Customer Service.
B–114
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
26 may 16
Features/Benefits
Watertight IP67
Standard and long life versions
No ground pin
Ultra low current capabilities
Excellent tactile feel
KMR 6 Series
Microminiature SMT Top Actuated IP67
Typical Applications
Automotive
Medical
Consumer
Industrial
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA*
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1GΩ
BOUNCE TIME:
≤ 3 ms
*For ULC version minimum current is 1µA at 1.8 VDC
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
In reels of 7,000 pieces
External diameter 330 mm ± 2 mm
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: Gullwing type for SMT
Mechanical
Total height
6 1,9 mm
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Actuation Force
1 1.2 N (120 grams)
2 2 N (200 grams)
3 3 N (300 grams)
4 4 N (400 grams)
K
M
R
N
G
6
Grounding option
NG No Ground pin
Low Current capability
Void Under standard specification
ULC Low current
Part Number Description
For any part number different from those listed above, please consult your local representative.
Type NG
See description
below
Operating
force
N (grs)
Operating
life
(cycles)
Travel (mm)
TACTILE FEELING:
KMR 6 series with actuation force in 2N - 3N - 4N:
≥ 30%
KMR 6 series with actuation force in 1.2N:
≥ 20%
KMR611NG LFS
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR611NG ULC LFS
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR613NG LFG
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR613NG ULC LFG
1.2 (120) ± 0.30
200,000
0.20 mm ± 0.1
KMR621NG LFS
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR621NG ULC LFS
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR623NG LFG
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR623NG ULC LFG
2.0 (200) ± 0.50
200,000
0.25 mm ± 0.1
KMR631NG LFS
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR631NG ULC LFS
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR632NG LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR632NG ULC LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR633NG LFG
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR633NG ULC LFG
3.0 (300) ± 0.75
150,000
0.25 mm ± 0.1
KMR641NG LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR641NG ULC LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR642NG LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR642NG ULC LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR643NG LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR643NG ULC LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1


Similar Part No. - KMR611NGULCLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
173Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR6 CK-COMPONENTS-KMR6_V01 Datasheet
173Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
More results

Similar Description - KMR611NGULCLFS

ManufacturerPart #DatasheetDescription
logo
Surge Components
SGS SURGE-SGS Datasheet
364Kb / 2P
   Standard, Long life down size and high ripple current
logo
Vishay Siliconix
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com