Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KSA Datasheet(PDF) 4 Page - C&K Components

Part # KSA
Description  Designed for automatic or manual insertion
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KSA Datasheet(HTML) 4 Page - C&K Components

  KSA Datasheet HTML 1Page - C&K Components KSA Datasheet HTML 2Page - C&K Components KSA Datasheet HTML 3Page - C&K Components KSA Datasheet HTML 4Page - C&K Components KSA Datasheet HTML 5Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
B–87
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ckswitches.com
B
1 mar 17
CONTACT MATERIAL
SEALING
OPTION
CODE
CONTACT MATERIAL
1
Silver contacts
3
Gold contacts
OPTION
CODE
SEALING
1
Sealing level IP60
KSA & KSL Series
Sealed Tact Switch
BUTTONS
K01
K02
10,0
(.394)
4,4
(.173)
1,0
(.039)
1,0
(.039)
8,0
(.315)
R 0,5
(.020)
100,1
(.394.004)
1,0
(.039)
4,40,1
(.173.004)
1,0
(.039)
BUTTON
TYPE
KSA
KSL
KSAV
KSLV
K01
X
K02
X
K03
XX
X
X
K04
XX
X
X
K05
XX
K06
X
K07
XX
K08
X
X
K09
X
X
Buttons must be ordered separately and will be supplied in bulk.


Similar Part No. - KSA

ManufacturerPart #DatasheetDescription
logo
ITT Industries
KSA ITT-KSA Datasheet
253Kb / 5P
   Sealed Tact Switch
logo
C&K Components
KSA CK-COMPONENTS-KSA Datasheet
482Kb / 5P
   Sealed Tact Switch
2021
logo
List of Unclassifed Man...
KSA-13B-051250HA ETC-KSA-13B-051250HA Datasheet
655Kb / 9P
   Raspberry Pi 12.5W Micro USB Power Supply
2021
KSA-13B-051250HE ETC-KSA-13B-051250HE Datasheet
655Kb / 9P
   Raspberry Pi 12.5W Micro USB Power Supply
2021
KSA-13B-051250HI ETC-KSA-13B-051250HI Datasheet
655Kb / 9P
   Raspberry Pi 12.5W Micro USB Power Supply
2021
More results

Similar Description - KSA

ManufacturerPart #DatasheetDescription
logo
Ohmite Mfg. Co.
RES-FCSL OHMITE-RES-FCSL Datasheet
526Kb / 2P
   Designed for automatic insertion
RES-HVF OHMITE-RES-HVF Datasheet
404Kb / 2P
   Designed for automatic insertion
logo
Gennum Corporation
GS6150 GENNUM-GS6150 Datasheet
1Mb / 64P
   Automatic or Manual Rate Selection
logo
Nanjing International G...
BC856A DGNJDZ-BC856A Datasheet
727Kb / 2P
   Ideally suited for automatic insertion
logo
Rectron Semiconductor
BC846V RECTRON-BC846V Datasheet
450Kb / 6P
   Ideally suited for automatic insertion
BC856V RECTRON-BC856V Datasheet
518Kb / 6P
   Ideally suited for automatic insertion
logo
MAKO SEMICONDUCTOR CO.,...
BC807-16 MAKOSEMI-BC807-16 Datasheet
113Kb / 2P
   Ldeally suited for automatic insertion
logo
Nanjing International G...
BC847 DGNJDZ-BC847 Datasheet
228Kb / 3P
   Ideally suited for automatic insertion
logo
Ohmite Mfg. Co.
RES-EY OHMITE-RES-EY Datasheet
467Kb / 2P
   Suitable for automatic machine insertion
logo
Shanghai Leiditech Elec...
ZMM1 LEIDITECH-ZMM1 Datasheet
592Kb / 4P
   MiniMELF case especially for automatic insertion
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com