Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KMR632NGLFS Datasheet(PDF) 2 Page - C&K Components

Part # KMR632NGLFS
Description  Standard and long life versions
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR632NGLFS Datasheet(HTML) 2 Page - C&K Components

  KMR632NGLFS Datasheet HTML 1Page - C&K Components KMR632NGLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–115
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
26 may 16
B
B
A
A
ø
+0,25
0
ø
GROUND TERMINAL
60 max
4 ± 0,1
1,5 ± 0,1
2 ± 0,05
1,5
3,03 ± 0,1
2,13 ± 0,1
0,292 ± 0,02
SECTION A-A
DE-REELING DIRECTION
OUT OF THE TAPE
70 max
KMR 6 Series
Microminiature SMT Top Actuated IP67
2,11
5
1,7
3,2
4,6
4,2
KMR 6 Series - 1.9 mm height
DIRECTION OF FEED
TAPE & REEL
PCB layout shown with ground pin option


Similar Part No. - KMR632NGLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR6 CK-COMPONENTS-KMR6 Datasheet
173Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR6 CK-COMPONENTS-KMR6_V01 Datasheet
173Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
More results

Similar Description - KMR632NGLFS

ManufacturerPart #DatasheetDescription
logo
Surge Components
SGS SURGE-SGS Datasheet
364Kb / 2P
   Standard, Long life down size and high ripple current
logo
Vishay Siliconix
046RSL VISHAY-046RSL Datasheet
111Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 19-Jun-08
046RSL VISHAY-046RSL_13 Datasheet
107Kb / 7P
   Aluminum Capacitors Radial, Standard Long-Life
Revision: 12-Apr-13
logo
SunLED Corporation
XZM2CRK55W-2 SUNLED-XZM2CRK55W-2 Datasheet
264Kb / 4P
   Long life and robust package
XZM2MRTNI55W-8 SUNLED-XZM2MRTNI55W-8 Datasheet
285Kb / 4P
   Long life and robust package
XZMDK53W-3 SUNLED-XZMDK53W-3 Datasheet
256Kb / 4P
   Long life and robust package
XZMDK56W SUNLED-XZMDK56W Datasheet
260Kb / 4P
   Long life and robust package
XZMDK81FS SUNLED-XZMDK81FS Datasheet
275Kb / 5P
   Long life and robust package
XZMDKDGK56W SUNLED-XZMDKDGK56W Datasheet
293Kb / 4P
   Long life and robust package
XZMER68W-3 SUNLED-XZMER68W-3 Datasheet
237Kb / 4P
   Long life and robust package
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com