Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBSG16MMNR2 Datasheet(PDF) 11 Page - ON Semiconductor

Part # NBSG16MMNR2
Description  2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NBSG16MMNR2 Datasheet(HTML) 11 Page - ON Semiconductor

Back Button NBSG16MMNR2 Datasheet HTML 4Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 5Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 6Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 7Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 8Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 9Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 10Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 11Page - ON Semiconductor NBSG16MMNR2 Datasheet HTML 12Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
NBSG16M
http://onsemi.com
11
PACKAGE DIMENSIONS
QFN−16
MN SUFFIX
CASE 485G−01
ISSUE A
X
M
0.10 (0.004)
T
−T−
−X−
NOTE 3
SEATING
PLANE
L
A
M
−Y−
B
N
0.25 (0.010) T
0.25 (0.010) T
J
C
K
R
0.08 (0.003) T
G
E
H
F
P
D
Y
1
4
58
12
9
16
13
DIM
MIN
MAX
MIN
MAX
INCHES
MILLIMETERS
A
3.00 BSC
0.118 BSC
B
3.00 BSC
0.118 BSC
C
0.80
1.00
0.031
0.039
D
0.23
0.28
0.009
0.011
G
0.50 BSC
0.020 BSC
H
0.875
0.925
0.034
0.036
J
0.20 REF
0.008 REF
K
0.00
0.05
0.000
0.002
L
0.35
0.45
0.014
0.018
NOTES:
1. DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS.
3. DIMENSION D APPLIES TO PLATED
TERMINAL AND IS MEASURED BETWEEN
0.25 AND 0.30 MM FROM TERMINAL.
4. COPLANARITY APPLIES TO THE EXPOSED
PAD AS WELL AS THE TERMINALS.
E
1.75
1.85
0.069
0.073
F
1.75
1.85
0.069
0.073
M
1.50 BSC
0.059 BSC
N
1.50 BSC
0.059 BSC
P
0.875
0.925
0.034
0.036
R
0.60
0.80
0.024
0.031
mm
inches
SCALE 10:1
0.50
0.02
0.575
0.022
1.50
0.059
3.25
0.128
QFN−16, 3x3 mm,
EP 2x2 mm
0.30
0.012
3.25
0.128
0.30
0.012
SOLDERING FOOTPRINT


Similar Part No. - NBSG16MMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16MMNR2 ONSEMI-NBSG16MMNR2 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NBSG16MMNR2G ONSEMI-NBSG16MMNR2G Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NBSG16MMNR2G ONSEMI-NBSG16MMNR2G Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
More results

Similar Description - NBSG16MMNR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NBSG16M ONSEMI-NBSG16M_14 Datasheet
143Kb / 12P
   Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
June, 2014 ??Rev. 9
NB6L16 ONSEMI-NB6L16 Datasheet
117Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/Driver/Translator Buffer
September, 2004 ??Rev. 4
NB6L16 ONSEMI-NB6L16_07 Datasheet
188Kb / 12P
   2.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer
March, 2007 ??Rev. 6
NB4L16M ONSEMI-NB4L16M Datasheet
919Kb / 12P
   2.5V/3.3V, 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination
February, 2006 ??Rev. 1
NBSG16M ONSEMI-NBSG16M_06 Datasheet
149Kb / 11P
   2.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
April, 2006 ??Rev. 5
NB6L11 ONSEMI-NB6L11 Datasheet
114Kb / 12P
   2.5V / 3.3V MULTILEVEL INPUT TO DIFFERENTIAL LVPECL/LVNECL 1:2 CLOCK OR DATA FANOUT BUFFER / TRANSLATOR
April, 2004 ??Rev. 2
NB4N316M ONSEMI-NB4N316M_16 Datasheet
159Kb / 12P
   Receiver to CML Driver/Translator with Input Hysteresis
July, 2016 ??Rev. 6
NB4N11M ONSEMI-NB4N11M Datasheet
223Kb / 11P
   3.3 V 2.5 Gb/s Multi Level Clock/Data Input to CML Receiver/ Buffer/ Translator
November, 2005 ??Rev. 1
NB7V585M ONSEMI-NB7V585M Datasheet
156Kb / 8P
   1.8V / 2.5V Differential 2:1 Mux Input to 1:6 CML Clock/Data Fanout Buffer/Translator
February, 2009 ??Rev. 1
NB6L572M ONSEMI-NB6L572M Datasheet
161Kb / 9P
   2.5V / 3.3V Differential 4:1 Mux to 1:2 CML Clock/Data Fanout / Translator
November, 2009 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com