Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE-18 Datasheet(PDF) 1 Page - C&K Components

Part # NE-18
Description  Various contact configurations
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NE-18 Datasheet(HTML) 1 Page - C&K Components

  NE-18 Datasheet HTML 1Page - C&K Components NE-18 Datasheet HTML 2Page - C&K Components NE-18 Datasheet HTML 3Page - C&K Components NE-18 Datasheet HTML 4Page - C&K Components NE-18 Datasheet HTML 5Page - C&K Components NE-18 Datasheet HTML 6Page - C&K Components NE-18 Datasheet HTML 7Page - C&K Components NE-18 Datasheet HTML 8Page - C&K Components NE-18 Datasheet HTML 9Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
A-96
Dimensions
are shown: Inches (mm)
Specifications and dimensions subject to
change
www.ck-components.com
A
NE-18 Series
Mains / Power Switches
Features/Benefits
Chassis or panel mount
Various buttons
Various contact configurations
RoHS compliant
Typical Applications
Mains/power switching
Consumer electronics
Audio equipment
Digital products
Specifications
ELECTRICAL RATING:
NE18 Series:
8A GP, 125 VAC, 50/60 Hz, 1E4, T70
6A GP, 250 VAC, 50/60 Hz, 1E4, T70
6(4)A RM, 250 VAC, 50/60 Hz, 1E4, T70
6/48A RC, 250 VAC, 50/60 Hz, 1E4, T70
1RA, 100 VDC, 1E4, T70
8RA, 30VDC, 1E4, T70
NE18CTII Series:
4A GP, 250 VAC, 50/60 Hz, 1E4, T70
4/48A RC, 250 VAC, 50/60 Hz, 1E4, T70
1RA, 100 VDC, 1E4, T70
4RA, 30VDC, 1E4, T70
DIELECTRIC STRENGTH (50 Hz, 1 min.): 2000 V
OPERATING LIFE AT MAX. LOAD AND AT MAX. INRUSH
CURRENT: ^104 operations5)
CONTACT RESISTANCE: Initial: 50m
Ω; After 104 operations: 70mΩ.
INSULATION RESISTANCE: ^1012
Ωchassis – nearest contact;
^1012
Ωmains contact – mains contact; ^1012 Ωmains contact –
mains contact after 104 operations.
LOW VOLTAGE CONTACT:
SWITCHING POWER MAX.: 12W
SWITCHING VOLTAGE MAX.: 24V
SWITCHING CURRENT MAX.: 0.5A
TOTAL TRAVEL: 4.7mm (.185 inch)
LATCHING TRAVEL: 3.3mm (.130 inch)
OPERATING FORCE: Without auxiliary low voltage contacts:
NE18: 7N (700 grams); NE18CTII: 9.5N (950 grams).
With auxiliary low voltage contacts: NE18: 8N (800 grams);
NE18CTII: 11N (1100 grams).
SEALING: Dust proof.
Materials
HOUSING, ACTUATOR & TERMINAL BOARD: Thermoplastic
polyester (UL 94V-0).
MOVABLE CONTACT: Silver nickel alloy, silver plated.
FIXED CONTACTS: Silver nickel alloy, silver plated.
COMMON CONTACTS & TERMINALS: Copper alloy, silver plated.
RETURN SPRING: Music wire.
NOTE: All models arer RoHS compliant and compatible.
NOTE: Specifications and materials listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Build-A-Switch
To order, simply select desired option from each category and place in the appropriate box. Available options are shown
and described on pages A-97 thru A-104. For additional options not shown in catalog, consult Customer Service Center.
If requesting only a switch, select the switch as noted below. Buttons are sold separately.
Designation
NE18
NE1B
ZNE18 Cental mounted NE1B
Single Station Chassis
01 With .094 mounting holes
(NONE) No chassis
02 With 4-40 tapped mounting holes
03 Special chassis (consult factory)
Dress nut*
*Central mounted
ZNE18 series only
(NONE) No dress nut
B Black
C Chrome
Mechanical Function
OA Momentary
EE
Alternate (push-push)
Contact Arrangement
NE18 code # - see list
UL61058-1


Similar Part No. - NE-18

ManufacturerPart #DatasheetDescription
logo
C&K Components
NE-18 CK-COMPONENTS-NE-18 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
NE-18 CK-COMPONENTS-NE-18_V01 Datasheet
1Mb / 9P
   Mains / Power Switches
22 Dec 21
More results

Similar Description - NE-18

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
ESD9X5V SEMITECH-ESD9X5V Datasheet
222Kb / 3P
   Unidirectional Configurations
SD05 SEMITECH-SD05 Datasheet
169Kb / 4P
   Unidirectional Configurations
ESD9X3V3 SEMITECH-ESD9X3V3 Datasheet
201Kb / 3P
   Unidirectional Configurations
SD05C SEMITECH-SD05C Datasheet
126Kb / 3P
   Unidirectional Configurations
logo
M/A-COM Technology Solu...
MA4E20XX MA-COM-MA4E20XX Datasheet
751Kb / 4P
   Multiple Configurations
logo
CUI INC
SJ2-3595X-SMT CUI-SJ2-3595X-SMT Datasheet
650Kb / 4P
   multiple switch configurations
logo
Shanghai Semitech Semic...
SD05H SEMITECH-SD05H Datasheet
155Kb / 4P
   Unidirectional Configurations
ESD5Z5V SEMITECH-ESD5Z5V Datasheet
122Kb / 3P
   Unidirectional Configurations
GBLC03C SEMITECH-GBLC03C Datasheet
214Kb / 3P
   Bi-directional Configurations
logo
CUI INC
SJ2-2595X-SMT CUI-SJ2-2595X-SMT Datasheet
712Kb / 4P
   mulitiple switch configurations
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com