Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCP5203MNR2G Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCP5203MNR2G
Description  2-in-1 DDR Power Controller
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCP5203MNR2G Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCP5203MNR2G Datasheet HTML 2Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 3Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 4Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 5Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 6Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 7Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 8Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 9Page - ON Semiconductor NCP5203MNR2G Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
NCP5203
http://onsemi.com
6
ELECTRICAL CHARACTERISTICS (continued) (5VDUAL = 5.0 V, TA = 0 to 70°C)
Characteristic
Test Conditions
Min
Typ
Max
Unit
VTT Active Terminator
VTT with Respect to REFSNS
REFSNS – VTT,
IOUT = 0 to 2.0 A (Sink Current)
IOUT = 0 to –2.0 A (Source Current)
−30
30
mV
Source Current Limit
−2.5
−2.05
A
Sink Current Limit
2.05
2.75
A
Control Section
VDDQEN Pin Threshold High
1.4
V
VDDQEN Pin Threshold Low
0.5
V
VDDQEN Pin Input Current
VDDQEN = 5 V
5.0
mA
VTTEN Pin Threshold High
1.4
V
VTTEN Pin Threshold Low
0.5
V
VTTEN Pin Input Current
VDDQEN = VTTEN = 5 V
5.0
mA
PGOOD Pin ON Resistance
I_PGOOD = 5.0 mA
80
W
PGOOD Pin OFF Current
1.0
mA


Similar Part No. - NCP5203MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
NCP5201MN ONSEMI-NCP5201MN Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201MN ONSEMI-NCP5201MN Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
NCP5201MNG ONSEMI-NCP5201MNG Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
More results

Similar Description - NCP5203MNR2G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP5214 ONSEMI-NCP5214 Datasheet
89Kb / 14P
   2-in-1 Notebook DDR Power Controller
April, 2005 ??Rev. P0
NCP5218 ONSEMI-NCP5218 Datasheet
453Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
January, 2007 ??Rev. 0
NCP5214A ONSEMI-NCP5214A Datasheet
363Kb / 31P
   2?뭝n?? Notebook DDR Power Controller
May, 2006 ??Rev. 0
NCP5210 ONSEMI-NCP5210 Datasheet
171Kb / 18P
   3-in-1 PWM Dual Buck and Linear DDR Power Controller
January, 2005 ??Rev. 4
logo
Fairchild Semiconductor
FAN5068 FAIRCHILD-FAN5068 Datasheet
159Kb / 18P
   DDR-1/DDR-2 plus ACPI Regulator Combo
logo
GENESYS LOGIC
GL842 GENESYS-GL842 Datasheet
517Kb / 64P
   USB 2.0 2-in-1 Scanner Controller
logo
Semtech Corporation
SC1480A SEMTECH-SC1480A Datasheet
347Kb / 23P
   DDR and DDR Memory VTT power Supply Controller
SC1480 SEMTECH-SC1480 Datasheet
533Kb / 22P
   DDR Memory Power Supply Controller
logo
ON Semiconductor
NCP5201 ONSEMI-NCP5201 Datasheet
69Kb / 10P
   Dual Output DDR Power Controller
September, 2004 ??Rev. 9
NCP5201 ONSEMI-NCP5201_06 Datasheet
83Kb / 9P
   Dual Output DDR Power Controller
April, 2006 ??Rev. 11
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com