Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCS7101SN1T1 Datasheet(PDF) 10 Page - ON Semiconductor

Part # NCS7101SN1T1
Description  1.8 Volt Rail-to-Rail Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCS7101SN1T1 Datasheet(HTML) 10 Page - ON Semiconductor

Back Button NCS7101SN1T1 Datasheet HTML 6Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 7Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 8Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 9Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 10Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 11Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 12Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 13Page - ON Semiconductor NCS7101SN1T1 Datasheet HTML 14Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
NCS7101
http://onsemi.com
10
APPLICATION INFORMATION AND OPERATING DESCRIPTION
GENERAL INFORMATION
The NCS7101 is a rail−to−rail input, rail−to−rail output
operational amplifier that features guaranteed 1.8 volt
operation. This feature is achieved with the use of a modified
analog CMOS process that allows the implementation of
depletion MOSFET devices. The amplifier has a 1.0 MHz
gain bandwidth product, 1.2 V/
ms slew rate and is
operational over a power supply range less than 1.8 V to as
high as 10 V.
Inputs
The input topology of this device series is unconventional
when compared to most low voltage operational amplifiers.
It consists of an N−channel depletion mode differential
transistor pair that drives a folded cascode stage and current
mirror. This configuration extends the input common mode
voltage range to encompass the VEE and VCC power supply
rails, even when powered from a combined total of less than
1.8 volts. Figures 27 and 28 show the input common mode
voltage range versus power supply voltage.
The differential input stage is laser trimmed in order to
minimize offset voltage. The N−channel depletion mode
MOSFET input stage exhibits an extremely low input bias
current of less than 40 pA. The input bias current versus
temperature is shown in Figure 4. Either one or both inputs
can be biased as low as VEE minus 300 mV to as high as 10 V
without causing damage to the device. If the input common
mode voltage range is exceeded, the output will not display
a phase reversal but it may latch in the appropriate high or
low state. The device can then be reset by removing and
reapplying power. If the maximum input positive or
negative voltage ratings are to be exceeded, a series resistor
must be used to limit the input current to less than 2.0 mA.
The ultra low input bias current of the NCS7101 allows
the use of extremely high value source and feedback resistor
without reducing the amplifier’s gain accuracy. These high
value resistors, in conjunction with the device input and
printed circuit board parasitic capacitances Cin, will add an
additional pole to the single pole amplifier shown in
Figure 30. If low enough in frequency, this additional pole
can reduce the phase margin and significantly increase the
output settling time. The effects of Cin, can be canceled by
placing a zero into the feedback loop. This is accomplished
with the addition of capacitor Cfb. An approximate value for
Cfb can be calculated by:
Cfb +
Rin
Cin
Rfb
Figure 30. Input Capacitance Pole Cancellation
+
Output
Rfb
Cin
Rin
Cfb
Cin = Input and printed circuit board capacitance
Input
Output
The output stage consists of complimentary P and N
channel devices connected to provide rail−to−rail output
drive. With a 2.0 k load, the output can swing within 100 mV
of either rail. It is also capable of supplying over 95 mA
when powered from 10 V and 3.0 mA when powered from
1.8 V.
When connected as a unity gain follower, the NCS7101
can directly drive capacitive loads in excess of 390 pF at
room temperature without oscillating but with significantly
reduced
phase
margin.
The
unity
gain
follower
configuration exhibits the highest bandwidth and is most
prone to oscillations when driving a high value capacitive
load. The capacitive load in combination with the
amplifier’s output impedance, creates a phase lag that can
result in an under−damped pulse response or a continuous
oscillation. Figure 32 shows the effect of driving a large
capacitive load in a voltage follower type of setup. When
driving
capacitive
loads
exceeding
390
pF,
it
is
recommended to place a low value isolation resistor
between the output of the op amp and the load, as shown in
Figure 31. The series resistor isolates the capacitive load
from the output and enhances the phase margin. Refer to
Figure 33. Larger values of R will result in a cleaner output
waveform but excessively large values will degrade the
large signal rise and fall time and reduce the output’s
amplitude. Depending upon the capacitor characteristics,
the isolation resistor value will typically be between 50 to
500 ohms. The output drive capability for resistive and
capacitive loads is shown in Figures 2, 3, and 23.
Figure 31. Capacitance Load Isolation
+
Output
R
Isolation resistor R = 50 to 500
CL
Input
Note that the lowest phase margin is observed at cold
temperature and low supply voltage.


Similar Part No. - NCS7101SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS7101SN1T1 ONSEMI-NCS7101SN1T1 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS7101SN1T1G ONSEMI-NCS7101SN1T1G Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS7101SN1T1G ONSEMI-NCS7101SN1T1G Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101SN1T1G ONSEMI-NCS7101SN1T1G Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
More results

Similar Description - NCS7101SN1T1

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCS7101 ONSEMI-NCS7101_11 Datasheet
192Kb / 16P
   1.8 Volt Rail-to-Rail Operational Amplifier
October, 2011 ??Rev. 4
NCS7101 ONSEMI-NCS7101_V01 Datasheet
271Kb / 17P
   1.8 Volt Rail-to-Rail Operational Amplifier
February, 2022 - Rev. 5
NCS7101 ONSEMI-NCS7101_06 Datasheet
146Kb / 16P
   1.8 Volt Rail?뭪o?뭃ail Operational Amplifier
February, 2006 ??Rev. 3
NCS2002 ONSEMI-NCS2002_13 Datasheet
172Kb / 16P
   Sub-One Volt Rail-to-Rail Operational Amplifier
June, 2013 ??Rev. 7
LMV301 ONSEMI-LMV301_16 Datasheet
139Kb / 13P
   Rail-to-Rail Operational Amplifier
August, 2016 ??Rev. 3
logo
Richtek Technology Corp...
RT9137 RICHTEK-RT9137 Datasheet
309Kb / 21P
   Rail-to-Rail Operational Amplifier
RT9146 RICHTEK-RT9146_13 Datasheet
178Kb / 12P
   Rail-to-Rail Operational Amplifier
RT9133A RICHTEK-RT9133A Datasheet
218Kb / 13P
   Rail-to-Rail Operational Amplifier
logo
Texas Instruments
OPA348-Q1 TI1-OPA348-Q1_16 Datasheet
1Mb / 32P
[Old version datasheet]   CMOS Rail-to-Rail Operational Amplifier
logo
Advanced Linear Devices
ALD1712A ALD-ALD1712A_05 Datasheet
49Kb / 6P
   RAIL-TO-RAIL PRECISION OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com