Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSE10DH127 Datasheet(PDF) 8 Page - C&K Components

Part # NSE10DH127
Description  Self clinching terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NSE10DH127 Datasheet(HTML) 8 Page - C&K Components

  NSE10DH127 Datasheet HTML 1Page - C&K Components NSE10DH127 Datasheet HTML 2Page - C&K Components NSE10DH127 Datasheet HTML 3Page - C&K Components NSE10DH127 Datasheet HTML 4Page - C&K Components NSE10DH127 Datasheet HTML 5Page - C&K Components NSE10DH127 Datasheet HTML 6Page - C&K Components NSE10DH127 Datasheet HTML 7Page - C&K Components NSE10DH127 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
C
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
8
NSE16
NSE16 Series
Navigation Switch Encoders
16
12
7
ø 2,95
0
-0,8
ø12,5
4
3,3
6,5
3,5
±0,5
2
L
18
1,5
5
5
16,8
2
2
ø
x 3 HOLES
1,2
+0,1
0
10
ø6
+0
-0,05
WITHIN THIS LENGTH
Push switch stroke 0,5
±0,4
A
B
C
LAYOUT
P.C.B. THICKNESS T = 1,6
View from mounting side
C
A
B
OPTION
L
CODE
TOTAL HEIGHT
26
26,5 mm
31
31,5 mm
ELECTRICAL GRAPH
Shaft rotational direction
Signal
Output
C.W.
A (Terminal A-C)
ON
OFF
B (Terminal B-C)
ON
OFF
D
E
SWITCH GRAPH


Similar Part No. - NSE10DH127

ManufacturerPart #DatasheetDescription
logo
ITT Industries
NSE10DH127 ITT-NSE10DH127 Datasheet
256Kb / 8P
   Navigation Switch Encoders
More results

Similar Description - NSE10DH127

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
970200487300 ETC-970200487300 Datasheet
1Mb / 12P
   SELF-CLINCHING STANDOFFS
5/13/20
FHA-M3-10 ETC-FHA-M3-10 Datasheet
5Mb / 36P
   SELF-CLINCHING STUDS AND PINS
BN20599 ETC-BN20599 Datasheet
189Kb / 3P
   Self-clinching nuts for metallic materials
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
BS-M4-2 ETC-BS-M4-2 Datasheet
877Kb / 4P
   PEM짰 self-clinching blind fasteners are used in applications requiring closed thread ends.
8/31/18
logo
Alcoa international inc...
99-999 ALCOA-99-999 Datasheet
162Kb / 2P
   Non Self-releasing; Self-ejecting
99-1000 ALCOA-99-1000 Datasheet
150Kb / 2P
   Non Self-releasing, Self-ejecting
99-3220 ALCOA-99-3220 Datasheet
105Kb / 2P
   Non-self-releasing; Self-ejecting
99-3206 ALCOA-99-3206 Datasheet
200Kb / 2P
   Non-self-releasing; Self-ejecting
99-3201 ALCOA-99-3201 Datasheet
567Kb / 2P
   Non-self-releasing; Self-ejecting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com