Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS-2214-FNSPA Datasheet(PDF) 1 Page - C&K Components

Part # PS-2214-FNSPA
Description  Latching pushbutton
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-2214-FNSPA Datasheet(HTML) 1 Page - C&K Components

  PS-2214-FNSPA Datasheet HTML 1Page - C&K Components PS-2214-FNSPA Datasheet HTML 2Page - C&K Components PS-2214-FNSPA Datasheet HTML 3Page - C&K Components PS-2214-FNSPA Datasheet HTML 4Page - C&K Components PS-2214-FNSPA Datasheet HTML 5Page - C&K Components PS-2214-FNSPA Datasheet HTML 6Page - C&K Components PS-2214-FNSPA Datasheet HTML 7Page - C&K Components PS-2214-FNSPA Datasheet HTML 8Page - C&K Components PS-2214-FNSPA Datasheet HTML 9Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
0.55 ~0.65
1.5 ~ 2.0
1
2
C
A-135
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
Features/Benefits
Latching pushbutton
Non-shorting with lock
5 mm travel
SPDT
Typical Applications
Automotive interior lighting
Computer peripherals
Appliances
PS-12G Series
Pushbutton Switches
Dimensions
FOOTPRINT: 14 X 16.8 mm
HEIGHT: 18 mm
Specifications
CONTACT RATING: 1A @ 14 VDC
INITIAL CONTACT RESISTANCE: 100 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 20,000 cycles with load
OPERATING FORCE: 400 ± 100 gf
OPERATING POSITION: 3.6 ± 0.2 mm
TOTAL TRAVEL: 5 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
KNOB: POM (UL 94HB)
HOUSING: PBT (UL 94V-0)
COVER: PBT (UL 94V-0)
ROTOR: PBT (UL 94V-0)
SLIDER: POM (UL 94HB)
TERMINAL: Phospher bronze, silver plated
SPRING: Stainless steel
CONTACT: Phospher bronze, silver plated
200 pieces
PS-12G01
SCHEMATIC
PACKAGING
PART NUMBER


Similar Part No. - PS-2214-FNSPA

ManufacturerPart #DatasheetDescription
logo
C&K Components
PS-2214-FNSPA CK-COMPONENTS-PS-2214-FNSPA Datasheet
559Kb / 16P
   Pushbutton Switches
More results

Similar Description - PS-2214-FNSPA

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
ITT Industries
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
ZB4BS844 SCHNEIDER-ZB4BS844 Datasheet
132Kb / 8P
   red 횠40 Emergency stop pushbutton head 횠22 trigger and latching turn release
logo
Hongfa Technology
HFE9 HONGFA-HFE9_17 Datasheet
63Kb / 3P
   Latching relay
logo
Adam Technologies, Inc.
MHR-XX-VUAS-SMT-MP ADAM-TECH-MHR-XX-VUAS-SMT-MP Datasheet
96Kb / 1P
   LATCHING HEDAER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com