Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57600 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE57600
Description  One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57600 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE57600 Datasheet HTML 1Page - NXP Semiconductors NE57600 Datasheet HTML 2Page - NXP Semiconductors NE57600 Datasheet HTML 3Page - NXP Semiconductors NE57600 Datasheet HTML 4Page - NXP Semiconductors NE57600 Datasheet HTML 5Page - NXP Semiconductors NE57600 Datasheet HTML 6Page - NXP Semiconductors NE57600 Datasheet HTML 7Page - NXP Semiconductors NE57600 Datasheet HTML 8Page - NXP Semiconductors NE57600 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
NE57600
One-cell Lithium-ion battery protection with
over/undercharge and overcurrent protection
2
2001 Oct 03
853-2294 27198
GENERAL DESCRIPTION
The NE57600 series is a family of small, high-precision lithium-ion
battery protection devices that provide protection against the
damaging effects of overcharging, overdischarging, short circuit, and
excessive current consumption such as happens if the consumer
uses the battery for an apparatus it was not meant to power. The
NE57600 is a single-cell Li-ion protection IC.
The NE57600 over and under voltage accuracy is trimmed to within
±25 mV (5%) and is available to match the requirements of all
lithium-ion cells manufactured in the market today.
FEATURES
Trimmed overvoltage trip point to within ±25 mV
Programmable overvoltage trip time delay
Trimmed undervoltage trip point to within ±25 mV
Very Low undervoltage sleep quiescent current 0.05 mA
Discharge overcurrent cutoff
Low operating current (10 mA)
Very small SOT-26A package
APPLICATIONS
Protecting one-cell Li-ion battery packs for mobile phones or
palmtop devices
SIMPLIFIED SYSTEM DIAGRAM
SL01548
6
54
3
2
1
VM
CF
GND
DF
V+
V–
NE57600
DISCHARGE
FET
CHARGE
FET
CDLY
VCC
Li-ION CELL
CHARGER
OR
LOADER
+
Figure 1.
Simplified system diagram.


Similar Part No. - NE57600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57605CD PHILIPS-NE57605CD Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57606 PHILIPS-NE57606 Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606CD PHILIPS-NE57606CD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606DD PHILIPS-NE57606DD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
More results

Similar Description - NE57600

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
NE57607 PHILIPS-NE57607 Datasheet
131Kb / 10P
   Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
2001 Oct 03
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
Unisonic Technologies
UW01++ UTC-UW01+ Datasheet
233Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
logo
ACE Technology Co., LTD...
ACEDW01 ACE-ACEDW01 Datasheet
1Mb / 19P
   One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM5436D HMSEMI-HM5436D Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9904G HMSEMI-HM9904G Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5406 HMSEMI-HM5406 Datasheet
671Kb / 6P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com