Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR1545_T0_00001 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MBR1545_T0_00001
Description  SCHOTTKY BARRIER RECTIFIERS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR1545_T0_00001 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MBR1545_T0_00001 Datasheet HTML 1Page - Pan Jit International Inc. MBR1545_T0_00001 Datasheet HTML 2Page - Pan Jit International Inc. MBR1545_T0_00001 Datasheet HTML 3Page - Pan Jit International Inc. MBR1545_T0_00001 Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PMBR1545 / MBR1560
October 3,2016-REV.01
Page 1
SCHOTTKY BARRIER RECTIFIERS
Voltage
45 / 60 V
Current
15 A
Features
Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
High surge capacity.
For use in low voltage, high frequency inverters free wheeling,
and polarlity protection applications
Lead free in compliance with EU RoHS 2011/65/EU directive
Green molding compound as per IEC61249 Std. . (Halogen Free)
Mechanical Data
Case: Molded plastic, TO-220AC
Terminals: Axial leads,solderable per MIL-STD-750, Method 2026
Approx. Weight: 0.067 ounces, 1.89 grams
Marking: Part number
Note : 1. Device mounted on a infinite heatsink.
Maximum Ratings (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
MBR1545
MBR1560
UNIT
Maximum repetitive peak reverse voltage
VRRM
45
60
V
Maximum rms voltage
VRMS
31
42
V
Maximum dc blocking voltage
VR
45
60
V
Maximum average forward rectified current
IF(AV)
15
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
280
A
Maximum forward voltage at 15A
VF
0.64
0.75
V
Maximum dc reverse current at rated dc blocking voltage
IR
50
A
Typical thermal resistance
(Note 1)
RθJC
2
oC/W
Operating junction temperature range
TJ
-55 to +150
oC
Storage temperature range
TSTG
-55 to +150
oC


Similar Part No. - MBR1545_T0_00001

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBR1545CT MOTOROLA-MBR1545CT Datasheet
84Kb / 4P
   SWITCHMODE??Power Rectifiers
logo
Taiwan Semiconductor Co...
MBR1545CT TSC-MBR1545CT Datasheet
212Kb / 4P
   Dual Common Cathode Schottky Rectifier
logo
KEC(Korea Electronics)
MBR1545CT KEC-MBR1545CT Datasheet
35Kb / 2P
   SWITCHING TYPE POWER SUPPLY APPLICATION CONVERTER & CHOPPER APPLICATION
logo
SAMYANG ELECTRONICS CO....
MBR1545CT SAMYANG-MBR1545CT Datasheet
1Mb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Kersemi Electronic Co.,...
MBR1545CT KERSEMI-MBR1545CT Datasheet
477Kb / 2P
   15 Amp Schottky Barrier Rectifier 20 to 100 Volts
More results

Similar Description - MBR1545_T0_00001

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
LMBR1200ETIG LRC-LMBR1200ETIG Datasheet
495Kb / 11P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
SB220 LRC-SB220 Datasheet
262Kb / 7P
   Schottky Barrier Rectifiers Schottky Barrier Rectifiers
logo
Diotec Semiconductor
SBT1020 DIOTEC-SBT1020 Datasheet
378Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS, SCHOTTKY BARRIER GLEICHRICHTER
logo
Shenzhen Ping Sheng Ele...
15SQ030 PFS-15SQ030 Datasheet
269Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
1N5817 PANJIT-1N5817_09 Datasheet
49Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
Comchip Technology
MBR20H100FCT-G COMCHIP-MBR20H100FCT-G Datasheet
87Kb / 3P
   Schottky Barrier Rectifiers
logo
Pan Jit International I...
SD1020CT PANJIT-SD1020CT_05 Datasheet
426Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
logo
HY ELECTRONIC CORP.
1N5817 HY-1N5817 Datasheet
34Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR520 HY-SR520 Datasheet
42Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR830T HY-SR830T Datasheet
39Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
SR2030CT HY-SR2030CT Datasheet
40Kb / 2P
   SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com