Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MBR2040DC-AU_R2_000A1 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # MBR2040DC-AU_R2_000A1
Description  20 AMPERES SCHOTTKY BARRIER RECTIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

MBR2040DC-AU_R2_000A1 Datasheet(HTML) 1 Page - Pan Jit International Inc.

  MBR2040DC-AU_R2_000A1 Datasheet HTML 1Page - Pan Jit International Inc. MBR2040DC-AU_R2_000A1 Datasheet HTML 2Page - Pan Jit International Inc. MBR2040DC-AU_R2_000A1 Datasheet HTML 3Page - Pan Jit International Inc. MBR2040DC-AU_R2_000A1 Datasheet HTML 4Page - Pan Jit International Inc. MBR2040DC-AU_R2_000A1 Datasheet HTML 5Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PAGE . 1
October 4,2016-REV.03
MBR2040DC-AU
FEATURES
• Plastic package has Underwriters Laboratory
Flammability Classification 94V-O.
Flame Retardant Epoxy Molding Compound.
• Low power loss, high efficiency.
• High current capability
• For use in low voltage, high frequency inverters
free wheeling, and polarlity protection applications.
• Acquire quality system certificate : TS16949
• AEC-Q101 qualified
• Lead free in compliance with EU RoHS 2011/65/EU directive
20 AMPERES SCHOTTKY BARRIER RECTIFIERS
VOLTAGE
CURRENT
40 Volt
20 Ampere
MECHANICAL DATA
• Case: TO-263 / D2PAK molded plastic
• Terminals: solder plated, solderable per MIL-STD-750, Method 2026
• Polarity: As marked.
• Weight: 0.0515 ounces, 1.46 grams.
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25°C ambient temperature unless otherwise specified. Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Notes :
Both Bonding and Chip structure are available.
PARAM ETER
SY M BO L
VAL UE
UNI T S
M a xim um Re cur r ent P e ak Re ve r s e Vo lt age
V
RRM
40
V
M a ximum RM S Vo l t a g e
V
RM S
28
V
M a ximum DC B l o c k i ng Vo l t a g e
V
DC
40
V
M axim um Aver a ge Fo r w ar d
C ur r ent ( S ee f i g. 1)
I
F( AV )
20
A
P e ak For w ar d S ur ge C ur r ent : 8. 3m s s ingle ha lf s ine- w ave
s uper im pos ed o n r at ed l oad
I
FSM
200
A
M axim um For w ar d Vo lt age at 10A , p er l eg
V
F
0. 7
V
M axim um DC R ever s e C ur r ent at R at ed D C
B l oc ki ng Vo lt age
Tc = 2 5 OC
Tc = 1 2 5 O C
I
R
0. 05
20
mA
Ty pi cal Ther m al R es is t anc e
R
θJC
2
O C / W
O per at ing J unc t i on Tem per at ur e R ange
T
J
- 50 t o + 150
O C
S t or age Tem per a t ur e Ra nge
T
ST G
- 50 t o + 150
O C
0.409(10.4)
0.387(9.80)
0.110(2.8)
0.055(1.4)
0.039(1.0)
0.108(2.75)
0.092(2.35)
0.108(2.75)
0.092(2.35)
0.035(0.9)MAX.
0.189(4.8)
0.137(4.4)
0.055(1.4)
0.047(1.2)
0.026(0.7)
0.011(0.3)
0.236(6.0)
0.197(5.0)


Similar Part No. - MBR2040DC-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR2040DC-AU PANJIT-MBR2040DC-AU Datasheet
232Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - MBR2040DC-AU_R2_000A1

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
MBR2040FCT PANJIT-MBR2040FCT Datasheet
94Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBR20100CTL DYELEC-MBR20100CTL Datasheet
1Mb / 3P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT_16 Datasheet
275Kb / 4P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC PANJIT-MBR2040DC_16 Datasheet
197Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040FCT PANJIT-MBR2040FCT_16 Datasheet
268Kb / 4P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
DIYI Electronic Technol...
MBRF20100CT DYELEC-MBRF20100CT Datasheet
1Mb / 3P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Pan Jit International I...
MBR2040CT PANJIT-MBR2040CT Datasheet
87Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2020CT PANJIT-MBR2020CT Datasheet
45Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
MBR2040DC-AU PANJIT-MBR2040DC-AU Datasheet
232Kb / 5P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
logo
Bytesonic Electronics C...
MBR20100FCT BYTESONIC-MBR20100FCT Datasheet
371Kb / 2P
   20 AMPERES SCHOTTKY BARRIER RECTIFIERS
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com