Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57600HD Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE57600HD
Description  One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57600HD Datasheet(HTML) 4 Page - NXP Semiconductors

  NE57600HD Datasheet HTML 1Page - NXP Semiconductors NE57600HD Datasheet HTML 2Page - NXP Semiconductors NE57600HD Datasheet HTML 3Page - NXP Semiconductors NE57600HD Datasheet HTML 4Page - NXP Semiconductors NE57600HD Datasheet HTML 5Page - NXP Semiconductors NE57600HD Datasheet HTML 6Page - NXP Semiconductors NE57600HD Datasheet HTML 7Page - NXP Semiconductors NE57600HD Datasheet HTML 8Page - NXP Semiconductors NE57600HD Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Philips Semiconductors
Product data
NE57600
One-cell Lithium-ion battery protection with
over/undercharge and overcurrent protection
2001 Oct 03
4
MAXIMUM RATINGS
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
VIN
Input voltage
–0.3
+18
V
VCF(max)
CF pin voltage
VCC – 28
V
VVM(max)
VM pin voltage
VCC – 28
V
Tamb
Operating ambient temperature range
–20
+70
°C
Tstg
Storage temperature
–40
+125
°C
PD
Power dissipation
200
mW
ELECTRICAL CHARACTERISTICS
Characteristics measured with Tamb = 25 °C, unless otherwise specified.
SYMBOL
PARAMETER
CONDITIONS
Min.
Typ.
Max.
UNIT
ICC1
Current consumption 1
VCC = 3.6 V: Set
between CF–GND: 910 k
Ω connected
10.0
14.0
µA
ICC2
Current consumption 2
VCC = 3.6 V: IC only
between CF–GND: 910 k
Ω connected
6.0
10.0
µA
ICC3
Current consumption 3
VCC = 3.6 V: Discharge FET OFF
between CF–GND: 910 k
Ω not connected
TBD
TBD
µA
ICC4
Current consumption 4
VCC = 1.9 V: Discharge FET OFF
between CF–GND: 910 k
Ω not connected
0.05
0.3
µA
ICC5
Current consumption 5
VCC = 4.5 V: Set
between CF–BG: 910 k
Ω connected
35
60
µA
VOV(th)
Over-charge voltage
Tamb = 0 °C ∼ 50 °C
VCC: L → H
4.325
4.350
4.375
V
VOV(hyst)
Over-charge hysteresis
VCC: H → L
100
200
300
mV
VUV(th)
Over-discharge voltage
VCC: H → L
2.30
2.40
2.50
V
VUV(rel)
Release over-discharge mode
2.88
3.00
3.12
V
VOC(th)
Over-current detect level
VVM: L → H
174
200
226
mV
VOC(rel)
Release over-current level
VVM: H → L
130
mV
Condition of release over-current mode
Load condition
50
M
VSC
Short detect level
1.3
V
tDLY(OD)
Over-discharge dead time
7.0
10.0
15.0
ms
tOC(DT)
Over-current dead time
VM: 0 V
→ 0.5 V
7.0
10.0
15.0
ms
tDLY(SC)
Short detect delay time
VM: 0 V
→ 2 V
0.02
0.20
ms
tOLY(OV)
Over-charge dead time
CTD = 0.01 µF
50
100
150
ms
VGDH
DF pin LOW level
VCC = 3.6 V
VCC–0.3
VCC–0.1
VCC
V
IDFH1
DF pin source current 1
VDF = VCC – 1.0 V
–100
–30
µA
IDFH2
DF pin source current 2
VDF = VCC – 0.3 V
–0.40
–0.07
µA
IDFL1
DF pin sink current 1
VVM > 1.0 V; VDF = 1.0 V
50
300
µA
IDFL2
DF pin sink current 2
VVM > 1.0 V; VDF = 0.3 V
30
100
µA
ICF1
CF pin source current 1
VCF = VCC – 1.0 V
–20
–10
µA
ICF2
CF pin source current 2
VCF = VCC – 0.3 V
–15
–5
µA
VST
Start trigger voltage
VVM: 0 V → –0.5 V
–0.2
–0.1
0
V
VPRO
Over-voltage charger protection
VCC = 3.6 V, between GND–VM voltage
–1.5
–2.5
–3.0
V
VOV
OV charge minimum voltage
VCC = 0 V; Charger voltage
2.0
3.0
V


Similar Part No. - NE57600HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57605CD PHILIPS-NE57605CD Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57606 PHILIPS-NE57606 Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606CD PHILIPS-NE57606CD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606DD PHILIPS-NE57606DD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
More results

Similar Description - NE57600HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
NE57607 PHILIPS-NE57607 Datasheet
131Kb / 10P
   Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
2001 Oct 03
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
Unisonic Technologies
UW01++ UTC-UW01+ Datasheet
233Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
logo
ACE Technology Co., LTD...
ACEDW01 ACE-ACEDW01 Datasheet
1Mb / 19P
   One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM5436D HMSEMI-HM5436D Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9904G HMSEMI-HM9904G Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5406 HMSEMI-HM5406 Datasheet
671Kb / 6P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com