Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57600WD Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE57600WD
Description  One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57600WD Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button NE57600WD Datasheet HTML 3Page - NXP Semiconductors NE57600WD Datasheet HTML 4Page - NXP Semiconductors NE57600WD Datasheet HTML 5Page - NXP Semiconductors NE57600WD Datasheet HTML 6Page - NXP Semiconductors NE57600WD Datasheet HTML 7Page - NXP Semiconductors NE57600WD Datasheet HTML 8Page - NXP Semiconductors NE57600WD Datasheet HTML 9Page - NXP Semiconductors NE57600WD Datasheet HTML 10Page - NXP Semiconductors NE57600WD Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Philips Semiconductors
Product data
NE57600
One-cell Lithium-ion battery protection with
over/undercharge and overcurrent protection
2001 Oct 03
7
Charging Lithium Cells
The lithium cells must be charged with a dedicated charging IC such
as the NE57600. These dedicated charging ICs perform a
current-limited, constant-voltage charge, as shown in Figure 7.
The charger IC begins charging with a current that is typically the
rating of the cell (1C) or the milliampere rating of the cell. As the cell
approaches its full-charge voltage rating (VOV), the current entering
the cell decreases, and the charger IC provides a constant voltage.
When the charge current falls below a preset amount, 50 mA for
example, the charge is discontinued.
If charging is begun below the overdischarged voltage rating of the
cell, it is important to slowly raise the cell voltage up to this
overdischarged voltage level. This is done by a reconditioning
charge. A small amount of current is provided to the cell (50 mA for
example), and the cell voltage is allowed a period of time to rise to
the overdischarged voltage. If the cell voltage recovers, then a
normal charging sequence can begin. If the cell does not reach the
overdischarged voltage level, then the cell is too damaged to charge
and the charge is discontinued.
To take advantage of the larger energy density of lithium cells it is
important to allow enough time to completely charge the cell . When
the charger switches from constant current to constant voltage
charge (Point B, Figure 7) the cell only contains about 80 percent of
its full capacity. When the cell is 100 mV less than its full rated
charge voltage the capacity contained within the cell is 95 percent.
Hence, allowing the cell to slowly complete its charge takes
advantage of the larger capacity of the lithium cells.
SL01554
1.0
0.5
1.0
2.0
3.0
4.0
1.0
2.0
Point B
Vov
TIME (HOURS)
TIME (HOURS)
CONSTANT
VOLTAGE
CONSTANT
CURRENT
Figure 7.
Lithium cell charging curves.


Similar Part No. - NE57600WD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57605CD PHILIPS-NE57605CD Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57606 PHILIPS-NE57606 Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606CD PHILIPS-NE57606CD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606DD PHILIPS-NE57606DD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
More results

Similar Description - NE57600WD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
NE57607 PHILIPS-NE57607 Datasheet
131Kb / 10P
   Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
2001 Oct 03
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
Unisonic Technologies
UW01++ UTC-UW01+ Datasheet
233Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
logo
ACE Technology Co., LTD...
ACEDW01 ACE-ACEDW01 Datasheet
1Mb / 19P
   One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM5436D HMSEMI-HM5436D Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9904G HMSEMI-HM9904G Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5406 HMSEMI-HM5406 Datasheet
671Kb / 6P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com