Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NE57600WD Datasheet(PDF) 9 Page - NXP Semiconductors

Part # NE57600WD
Description  One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57600WD Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button NE57600WD Datasheet HTML 4Page - NXP Semiconductors NE57600WD Datasheet HTML 5Page - NXP Semiconductors NE57600WD Datasheet HTML 6Page - NXP Semiconductors NE57600WD Datasheet HTML 7Page - NXP Semiconductors NE57600WD Datasheet HTML 8Page - NXP Semiconductors NE57600WD Datasheet HTML 9Page - NXP Semiconductors NE57600WD Datasheet HTML 10Page - NXP Semiconductors NE57600WD Datasheet HTML 11Page - NXP Semiconductors NE57600WD Datasheet HTML 12Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Philips Semiconductors
Product data
NE57600
One-cell Lithium-ion battery protection with
over/undercharge and overcurrent protection
2001 Oct 03
9
APPLICATION INFORMATION
The NE57600 drives the series N-Channel MOSFETs to states
determined by the cell’s voltage and the battery pack load current.
During normal operation, both the discharge and charge MOSFETs
are ON, allowing bidirectional current flow.
If the battery pack is being charged, and the cell’s voltage exceeds
the overvoltage threshold, then the charge MOSFET is turned OFF.
The cell’s voltage must fall lower than the overvoltage hysteresis
voltage (VOV(Hyst)) before the charge MOSFET is again turned ON.
If the battery pack is being discharged and the undervoltage
threshold (VUV(Th)) is exceeded, then the discharge MOSFET is
turned OFF. It will not turn back ON until a charger is applied to the
pack’s external terminals AND the cell’s voltage rises above the
undervoltage hysteresis voltage (VUV(Hyst)).
When the battery pack is being discharged, if the load current
causes the voltage across the discharge MOSFET to exceed the
overcurrent threshold voltage (VOC(TH)), then the discharge
MOSFET is turned OFF after a fixed 7–18 ms delay. If short-circuit
is placed across the pack’s terminals, then the discharge MOSFET
is turned OFF after a 100–300 ms delay to avoid damaging the
MOSFETs.
The R-C filter on the VCC pin
An R-C filter is needed on the VCC pin, primarily to shield the IC
from electrostatic energy and spikes on the terminals of the battery
pack. A secondary need is during the occurrence of a short-circuit
across the battery pack terminals. Here, the Li-ion cell voltage could
collapse and cause the IC to enter an unpowered state. The R-C
filter provides power during the first instant of the short circuit,
allowing the IC to turn OFF the discharge MOSFET before the IC
loses power. The R-C filter also filters any voltage noise caused by
noisy load current. The values shown in Figure 9 are adequate for
these purposes.
SL01556
NE57600
6
5
4
3
2
1
VM
CF
GND
DF
CHARGER
DETECTOR
OC REF
OV DEADTIME
CONTROL
UV DEADTIME
CONTROL
OV REF
UV REF
CDLY
VCC
VCC
VCC
VCC
Figure 9.
Functional diagram.
SL01557
6
54
3
2
1
VM
CF
GND
DF
V+
V–
NE57600
DISCHARGE
FET
CHARGE
FET
CDLY
VCC
Li-ION CELL
CHARGER
OR
LOADER
+
4.7 k
910 k
1.0
µF
1.0
µF
330
Figure 10.
Typical application circuit.


Similar Part No. - NE57600WD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57605CD PHILIPS-NE57605CD Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57606 PHILIPS-NE57606 Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606CD PHILIPS-NE57606CD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606DD PHILIPS-NE57606DD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
More results

Similar Description - NE57600WD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
NE57607 PHILIPS-NE57607 Datasheet
131Kb / 10P
   Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
2001 Oct 03
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
Unisonic Technologies
UW01++ UTC-UW01+ Datasheet
233Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
logo
ACE Technology Co., LTD...
ACEDW01 ACE-ACEDW01 Datasheet
1Mb / 19P
   One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM5436D HMSEMI-HM5436D Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9904G HMSEMI-HM9904G Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5406 HMSEMI-HM5406 Datasheet
671Kb / 6P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com