Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CLT01-38SQ7 Datasheet(PDF) 10 Page - STMicroelectronics

Part # CLT01-38SQ7
Description  High speed digital input current limiter
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

CLT01-38SQ7 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button CLT01-38SQ7 Datasheet HTML 6Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 7Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 8Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 9Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 10Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 11Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 12Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 13Page - STMicroelectronics CLT01-38SQ7 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Functional description
CLT01-38SQ7
10/18
DocID028182 Rev 1
3
Functional description
3.1
Operation of the CLT01-38SQ7 with the SPI bus (CPOL = 0,
CPHA = 0)
The SPI bus master controller manages the data transfer with the chip select signal /CS and
controls the data shift in the register with the clock SCK signal.
Figure 6. Serial data format frame
The transfer of the CLT01-38SQ7 input states in the SPI registers starts when the Chip
Select /CS signal falls and ends when this /CS is rising back.
The transfer of data out of the CLT01-38SQ7 slave MISO output starts immediately when
the chip select /CS goes low.
Then, the input MOSI is captured and presented to the shift register on each rising edge of
the clock SCK. And the data are shifted in this register on each falling edge of the serial
clock SCK, the data bits being written on the output MISO with the most significant bit first.
3.1.1
The serial data Input MOSI
This input signal MOSI is used to shift external data bits into the CLT01-38SQ7 register from
the most significant MSB bit to the lower significant one LSB. The data bits are captured by
the CLT01-38SQ7 on the rising edge of the serial clock signal SCK.
3.2
The SPI data transfer operation
3.2.1
The SPI data frame
Depending on the biasing of the SPM pin, the data frame is 8-bits or 16-bits. The selected
structure of the SPI is a 16-bit word in order to be able to implement the input state data and
some control bits such as the UVA alarm, the 4 checksum bits and the two low & high state
stop bits.


Similar Part No. - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
CLT01-38S4 STMICROELECTRONICS-CLT01-38S4 Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
CLT01-38S4-TR STMICROELECTRONICS-CLT01-38S4-TR Datasheet
290Kb / 8P
   High speed protected digital termination array
April 2013 Rev1
More results

Similar Description - CLT01-38SQ7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SCLT3-8BQ7 STMICROELECTRONICS-SCLT3-8BQ7 Datasheet
549Kb / 18P
   High speed digital input current limiter with digital filter
CLT03-2Q3 STMICROELECTRONICS-CLT03-2Q3 Datasheet
1Mb / 24P
   Self powered digital input current limiter
Rev 13 - November 2022
STEVAL-IFP031V1 STMICROELECTRONICS-STEVAL-IFP031V1 Datasheet
235Kb / 5P
   High speed digital input current limiter evaluation board based on CLT01-8SQ7
December 2015 Rev 1
STEVAL-IFP030V1 STMICROELECTRONICS-STEVAL-IFP030V1 Datasheet
237Kb / 5P
   High speed digital input current limiter evaluation board based on SCLT3-8BQ7
December 2015 Rev 1
logo
Renesas Technology Corp
PS2503-1 RENESAS-PS2503-1 Datasheet
5Mb / 13P
   LOW INPUT CURRENT, HIGH SPEED SWITCHING
Dec 25, 2020
logo
Texas Instruments
LMP8646 TI1-LMP8646 Datasheet
492Kb / 23P
[Old version datasheet]   Precision Current Limiter
LMP8646 TI1-LMP8646_14 Datasheet
1Mb / 31P
[Old version datasheet]   Precision Current Limiter
logo
VPT, Inc.
DVCL28 VPT-DVCL28 Datasheet
446Kb / 9P
   HIGH RELIABILITY HYBRID INRUSH CURRENT LIMITER
logo
Skyworks Solutions Inc.
OLH400 SKYWORKS-OLH400 Datasheet
577Kb / 6P
   High-Speed Hermetic, Low-Input Current Optocoupler
April 13, 2017
logo
Freescale Semiconductor...
CL-60 FREESCALE-CL-60 Datasheet
112Kb / 4P
   NTC Inrush Current Limiter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com