Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ECMF04-4HSWM10 Datasheet(PDF) 11 Page - STMicroelectronics

Part # ECMF04-4HSWM10
Description  Common-mode filter with ESD protection for high-speed serial interfaces
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ECMF04-4HSWM10 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button ECMF04-4HSWM10 Datasheet HTML 5Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 6Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 7Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 8Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 9Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 10Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 11Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 12Page - STMicroelectronics ECMF04-4HSWM10 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
DocID026032 Rev 1
11/13
ECMF04-4HSWM10
Package information
13
Note:
Product marking may be rotated by multiples of 90° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Figure 19. Tape and reel specifications
Figure 17. Footprint
Figure 18. Marking
0.20
0.50
0. 0
7
1.75
KW
Dot identifying Pin
A1 location
User direction of unreeling
All dimensions are typical values in mm
4.0±0.1
4.0
2.0±0.05
Ø 1.55±0.05
0.65±0.05
1.55±0.05
0.20±0.05


Similar Part No. - ECMF04-4HSWM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF04-4HSWM10Y STMICROELECTRONICS-ECMF04-4HSWM10Y Datasheet
2Mb / 12P
   Automotive common mode filter with ESD protection
December 2019
More results

Similar Description - ECMF04-4HSWM10

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ECMF2-40A100N6 STMICROELECTRONICS-ECMF2-40A100N6 Datasheet
6Mb / 17P
   Common mode filter with ESD protection for high speed serial interface
Rev 3 - September 2022
ECMF4-20A42N10 STMICROELECTRONICS-ECMF4-20A42N10 Datasheet
656Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
May 2016 Rev 1
ECMF4-2450A60N10 STMICROELECTRONICS-ECMF4-2450A60N10 Datasheet
4Mb / 14P
   Common mode filter with ESD protection for high speed serial interface
June 2021
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10 Datasheet
483Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF4-2450A17M10 STMICROELECTRONICS-ECMF4-2450A17M10 Datasheet
820Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
November 2016 Rev 1
ECMF06-6HSM16 STMICROELECTRONICS-ECMF06-6HSM16 Datasheet
532Kb / 13P
   Common mode filter with ESD protection for high speed serial interface
August 2014 Rev 2
ECMF04-4HSM10 STMICROELECTRONICS-ECMF04-4HSM10_V01 Datasheet
2Mb / 14P
   Common mode filter with ESD protection for high speed serial interface
December 2020
ECMF02-2BF3 STMICROELECTRONICS-ECMF02-2BF3 Datasheet
49Kb / 3P
   Dual line IPAD?? common mode filter with ESD protection for high speed serial interface
logo
ON Semiconductor
CM1263-02SE ONSEMI-CM1263-02SE_11 Datasheet
87Kb / 4P
   Low Capacitance ESD Protection for High-Speed Serial Interfaces
March, 2011 ??Rev. 3
CM1263-06DE ONSEMI-CM1263-06DE Datasheet
283Kb / 7P
   Low Capacitance ESD Protection for High-Speed Serial Interfaces
April 2010 ??Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com