Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

P-MUSBR-A511-XX Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-MUSBR-A511-XX
Description  DUST COVERS MAY BE ORDERED SEPARATELY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-MUSBR-A511-XX Datasheet(HTML) 1 Page - Amphenol Corporation

  P-MUSBR-A511-XX Datasheet HTML 1Page - Amphenol Corporation P-MUSBR-A511-XX Datasheet HTML 2Page - Amphenol Corporation P-MUSBR-A511-XX Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CURRENT RATING: 1.5 AMPERES.
PROVIDES SEAL TO INSIDE FACE OF ENCLOSURE PANEL. AVAILABLE
CONTACT RESISTANCE: 30 MILLIOHMS MAXIMUM.
4.
PART NUMBER MUSB-2A111-024BP FOR THE BLACK COVER
PART NUMBER MUSB-2A111-014BP FOR THE GREY COVER
C TO +105
6.
DUST COVERS MAY BE ORDERED SEPARATELY. SPECIFY
DUST COVER PROVIDES ADDED PROTECTION.
5.
C.
OPERATING TEMPERATURE: -40
ORDERING CODE:
-
X
A 5 1 1
M U S B R
- X
3.
NOTES:
MATERIAL:
1.
ALL MATERIALS ARE RoHS COMPLIANT PER EU DIRECTIVE 2011/65/EU
AND AMENDMENTS.
OUTER SHELL - DIECAST ZINC ALLOY, NICKEL PLATED
CONTACTS - PHOSPHOR BRONZE, PLATED WITH 0.76µm (30µ") GOLD
OVER 1.27µm (50µ") NICKEL ON THE MATING AREA WITH MATTE TIN
PLATING ON THE TAILS.
USB HOUSING - ENGINEERING THERMOPLASTIC, HIGH TEMPERATURE
RESISTANT, FLAMMABILITY RATING UL94V-0, BLACK.
USB SHIELD & BACK COVER - STAINLESS STEEL, PASSIVATED.
PANEL GASKET - CONDUCTIVE SILICONE RUBBER, BLACK
DUST COVER - SILICONE RUBBER WITH NICKEL PLATED BRASS
BUSHING. SEE ORDERING CODE FOR DUST COVER COLOUR OPTIONS.
ENVIRONMENTAL PERFORMANCE PER IEC 60529 CODE IP67 FOR SEAL
2.
BETWEEN MATING AREA AND PCB SIDE OF CONNECTOR. GASKET
SERIES, RUGGED USB
USB SERIES 'A' RECEPTACLE, SINGLE
PORT, VERTICAL PCB TAIL
SHELL & THREAD OPTION
3 = STD. PROFILE, #4-40 UNC THREAD
4 = LOW PROFILE, #4-40 UNC THREAD
M = STD. PROFILE, M3 X 0.5 THREAD
R = LOW PROFILE, M3 X 0.5 THREAD
DUST COVER OPTION
0 = NO DUST COVER SUPPLIED
1 = WITH GREY DUST COVER SUPPLIED
5 = WITH BLACK DUST COVER SUPPLIED
SPECIAL CONNECTORS
MANY UNIQUE FEATURES ARE READILY AVAILABLE
TO SUIT CUSTOMER REQUIREMENTS.
CONSULT WITH AMPHENOL CANADA FOR DETAILS.
UNLESS SPECIFIED OTHERWISE
1
3
4
5
6
5
4
3
H
G
F
E
D
C
B
A
AB
C
D
E
F
GH
2
1
2
ANGLE
REF.
P-MUSBR-A511-XX
MUSBR SERIES RUGGED USB CONNECTOR,
3
B
SCALE:
REV
DWG.
NO.
THIRD
OF
www.amphenolcanada.com
CODE ID NO.
DESCRIPTION, ECN, EAR NO.
APP'D
DATE
REV
6
Amphenol Canada Corp.
ANY PURPOSE OR USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
REVISIONS
03554
SHEET
DUST COVER OPTIONS, RoHS COMPLIANT
A.ESPIE
B
PRODUCT DRAWING (EAR 14406)
DEC04/15
K.L.
1
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR
SERIES 'A' RECEPTACLE, SINGLE PORT,
DRAWING
K.LAMBIE
AUG22/12
AUG27/12
0.15
3:1
X
ECN E14115
DRAWN
CHECKED
M.E. APP'D
Q.A. APP'D
DWG APPR.
ENG. REL. NO.
VERTICAL PCB TAIL, THREAD, SHELL &
DWG SIZE:
DO NOT
PROJECTION
MILLIMETERS
INCHES
PRIMARY UNITS
SECONDARY
SCALE
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACES
3 DECIMAL PLACES
ANGULAR DEGREES
CONDUCTIVE
PANEL GASKET
THREADED
MOUNTING
HOLES
LOW PROFILE SHELL
15.00
.591
REF
USB SERIES 'A'
RECEPTACLE
STANDARD PROFILE SHELL
18.00
.709
REF
BOARDLOCK
GROUND TABS
VERTICAL
PCB TAILS
3.05 [.120]
MOUNTING HOLE
DUST COVER OPTION
SEE ORDERING CODE
REF
.630
16.00
REF
2.559
65.00
8.00
.315
REF
COVER HANDLE
(NOT SUPPLIED)
MOUNTING SCREWS
WITH MARK "TOP"
ENCLOSURE
PANEL
DUST COVER APPLICATION VIEW


Similar Part No. - P-MUSBR-A511-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MUSBR-A511 AMPHENOL-P-MUSBR-A511 Datasheet
227Kb / 3P
   MUSBR Rugged USB
More results

Similar Description - P-MUSBR-A511-XX

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-MUSBR-E151-XX AMPHENOL-P-MUSBR-E151-XX Datasheet
153Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B551-XX AMPHENOL-P-MUSBR-B551-XX Datasheet
157Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-A311-XX AMPHENOL-P-MUSB-A311-XX Datasheet
123Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-A111-XX AMPHENOL-P-MUSBR-A111-XX Datasheet
175Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-E551-XX AMPHENOL-P-MUSBR-E551-XX Datasheet
156Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-E551-XX AMPHENOL-P-MUSB-E551-XX Datasheet
75Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSBR-B151-XX AMPHENOL-P-MUSBR-B151-XX Datasheet
155Kb / 3P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-BA51-XX AMPHENOL-P-MUSB-BA51-XX Datasheet
110Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
P-MUSB-K152-XX AMPHENOL-P-MUSB-K152-XX Datasheet
83Kb / 2P
   DUST COVERS MAY BE ORDERED SEPARATELY
logo
PHOENIX CONTACT
2316190 PHOENIX-2316190 Datasheet
58Kb / 3P
   Cable glands, plugs, and breather must be ordered separately
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com