Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SF21G Datasheet(PDF) 1 Page - HY ELECTRONIC CORP.

Part # SF21G
Description  SUPER FAST GLASS PASSIVATED BRECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF21G Datasheet(HTML) 1 Page - HY ELECTRONIC CORP.

  SF21G_17 Datasheet HTML 1Page - HY ELECTRONIC CORP. SF21G_17 Datasheet HTML 2Page - HY ELECTRONIC CORP. SF21G_17 Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
FEATURES
Super fast switching time for high efficiency
Low forward voltage drop and
high current capabiltiy
Low reverse leakage current
Plastic material has UL flammability
classification 94V-0
MECHANICAL DATA
Case: JEDEC DO-15 molded plastic
Polarity: Color band denotes cathode
Weight: 0.0415ounces ,0.4grams
Mounting position: Any
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Rating at 25℃ ambient temperature unless otherwise specified.
Single phase, half wave ,60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
CHARACTERISTICS
SYMBOL SF21G
SF22G
SF23G
SF24G
SF25G
SF26G
SF28G
UNIT
Maximum Recurrent Peak Reverse Voltage
VRRM
50
100
150
200
300
400
600
V
Maximum RMS Voltage
VRMS
35
70
105
140
210
280
420
V
Maximum DC Blocking Voltage
VDC
50
100
150
200
300
400
600
V
Maximum Average Forward
Rectified Current
@TA =55 ℃
Peak Forward Surge Current
8.3ms Single Half Sine-Wave
Super Imposed on Rated Load(JEDEC Method)
Peak Forward Voltage at 2.0A DC
VF
1.7
V
Maximum DC Reverse Current
@TJ=25℃
at Rated DC Blocking Voltage
@TJ=100℃
Maximum Reverse Recovery Time(Note 1)
Trr
nS
Typical Junction Capacitance (Note2)
CJ
pF
Typical Thermal Resistance (Note3)
RθJA
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
4.The typical data above is for reference only(典型值仅供参考).
Rev. 7, 13-Mar-2017
Dimensions in inches and (millimeters)
1.3
5.0
A
μA
A
35
40
30
25
-55 to +150
-55 to +150
2.Measured at 1.0 MHz and applied reverse voltage of 4.0V DC
3.Thermal resistance junction to ambient.
NOTES:1.Measured with IF=0.5A,IR=1A,IRR=0.25A.
I(AV)
100
2.0
50
0.95
IR
IFSM
SF21G thru SF28G
SUPER FAST GLASS PASSIVATED
BRECTIFIERS
REVERSE VOLTAGE - 50 to 600 Volts
FORWARD CURRENT - 2.0 Amperes
DO-15
.140(3.6)
.104(2.6)
DIA
.034(0.9)
.028(0.7)
DIA
.300(7.6)
.230(5.8)
1.0(25.4)
MIN
1.0(25.4)
MIN


Similar Part No. - SF21G_17

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SF21G TSC-SF21G_1 Datasheet
257Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF21G TSC-SF21G_10 Datasheet
585Kb / 2P
   2.0 AMPS. Glass Passivated Super Fast Rectifiers
SF21G TSC-SF21G_11 Datasheet
190Kb / 2P
   2.0AMPS. Glass Passivated Super Fast Rectifiers
SF21G TSC-SF21G_14 Datasheet
379Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF21G SECOS-SF21G_15 Datasheet
71Kb / 2P
   Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF21G_17

ManufacturerPart #DatasheetDescription
logo
HY ELECTRONIC CORP.
SF21G HY-SF21G Datasheet
91Kb / 2P
   SUPER FAST GLASS PASSIVATED BRECTIFIERS
logo
Lite-On Technology Corp...
STPR805DB LITEON-STPR805DB Datasheet
37Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
STPR2010CT LITEON-STPR2010CT Datasheet
40Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIERS
logo
GOOD-ARK Electronics
SF51 GOOD-ARK-SF51 Datasheet
231Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
Taiwan Semiconductor Co...
SF31G TSC-SF31G_14 Datasheet
378Kb / 4P
   Glass Passivated Super Fast Rectifiers
SF1001G TSC-SF1001G_14 Datasheet
386Kb / 4P
   Glass Passivated Super Fast Rectifiers
logo
Rectron Semiconductor
ISF81 RECTRON-ISF81 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
MIC GROUP RECTIFIERS
SF301P MIC-SF301P Datasheet
54Kb / 2P
   SUPER FAST GLASS PASSIVATED RECTIFIER
logo
Rectron Semiconductor
SF161C RECTRON-SF161C_03 Datasheet
28Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
SF161CTD SEMTECH_ELEC-SF161CTD Datasheet
397Kb / 2P
   GLASS PASSIVATED SUPER FAST RECTIFIER
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com