Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA8V2-1J Datasheet(PDF) 4 Page - STMicroelectronics

Part # ESDA8V2-1J
Description  EOS and ESD Transil??protection for charger and battery port
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA8V2-1J Datasheet(HTML) 4 Page - STMicroelectronics

  ESDA8V2-1J Datasheet HTML 1Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 2Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 3Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 4Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 5Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 6Page - STMicroelectronics ESDA8V2-1J Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Ordering information scheme
ESDA8V2-1J
4/7
Doc ID 15646 Rev 1
2
Ordering information scheme
Figure 10.
Ordering information scheme
Figure 8.
ESD response to IEC 61000-4-2
(+15 kV air discharge)
Figure 9.
ESD response to IEC 61000-4-2
(-15 kV air discharge)
5 V/Div
100 ns/Div
IN
100 ns/Div
5 V/Div
IN
ESDA 8V2 - 1J
ESD Array
Package
J = SOD-323
Breakdown Voltage
8V2 = 8.2 V min


Similar Part No. - ESDA8V2-1J

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
   High EOS and ESD protection level
More results

Similar Description - ESDA8V2-1J

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA-1K STMICROELECTRONICS-ESDA-1K Datasheet
167Kb / 10P
   EOS and ESD Transil??protection for charger and battery port
September 2010 Rev 1
ESDA18-1K STMICROELECTRONICS-ESDA18-1K Datasheet
168Kb / 10P
   EOS and ESD Transil protection for charger and battery port
September 2010 Rev 1
ESDA8V2-1MX2 STMICROELECTRONICS-ESDA8V2-1MX2 Datasheet
254Kb / 10P
   EOS and ESD Transil protection for charger and battery port
logo
Guangdong Youtai Semico...
ESDA8V2-1J UMW-ESDA8V2-1J Datasheet
316Kb / 5P
   High EOS and ESD protection level
logo
Semtech Corporation
UCLAMP2492SQ SEMTECH-UCLAMP2492SQ Datasheet
815Kb / 8P
   24V ESD and EOS Protection for Automotive Applications
logo
STMicroelectronics
ESDCAN0X-2BWY STMICROELECTRONICS-ESDCAN0X-2BWY Datasheet
378Kb / 8P
   Dual-line ESD and EOS protection
December 2016 Rev 4
logo
Semtech Corporation
RCLAMP3521ZA SEMTECH-RCLAMP3521ZA Datasheet
1Mb / 8P
   Low Capacitance ESD and EOS Protection
UCLAMP2424PWQ SEMTECH-UCLAMP2424PWQ Datasheet
735Kb / 8P
   24V ESD and EOS Protection for Automotive Applications
Rev 2.2 4/25/2022
UCLAMP2482PWQ SEMTECH-UCLAMP2482PWQ Datasheet
829Kb / 10P
   24V ESD and EOS Protection for 2-Line Automotive Applications
RCLAMP3331PQ SEMTECH-RCLAMP3331PQ Datasheet
551Kb / 7P
   RailClamp® Low Capacitance ESD and EOS Protection
Rev 2.1 9/15/2021
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com