Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDA14V2-1BF3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ESDA14V2-1BF3
Description  Single-line bidirectional Transil??array for ESD protection
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA14V2-1BF3 Datasheet(HTML) 7 Page - STMicroelectronics

  ESDA14V2-1BF3 Datasheet HTML 1Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 2Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 3Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 4Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 5Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 6Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 7Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 8Page - STMicroelectronics ESDA14V2-1BF3 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
ESDA14V2-1BF3
PCB recommendations
Doc ID 15894 Rev 1
7/9
4.2
Assembly
For chip scale package mounting on the PCB, STMicroelectronics recommends the use of a
solder stencil aperture of 330 x 330 µm² maximum and a typical stencil thickness of 75 or
80 µm. Chip scale packages are fully compatible with the use of near eutectic 95.5 Sn, 4 Ag,
0.5 Cu solder paste with no-clean flux. ST's recommendations for chip scale package board
mounting are illustrated on the soldering reflow profile shown in Figure 15.
Figure 15.
ST ECOPACK® recommended soldering reflow profile for PCB mounting
Dwell time in the soldering zone (with temperature higher than 220 °C) has to be kept as
short as possible to prevent component and substrate damages. Peak temperature must not
exceed 260 °C. Controlled atmosphere (N2 or N2H2) is recommended during the whole
reflow, especially above 150 °C.
Chip scale packages are able to withstand three times the previous recommended reflow
profile in order to be compatible with a double reflow when SMDs are mounted on both sides
of the PCB and one additional repair.
A maximum of three soldering reflows are allowed for these lead-free packages (with repair
step included).
The use of a no-clean flux is highly recommended to avoid any cleaning operation. To
prevent any bump cracks, ultrasonic cleaning methods are not recommended.
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max
0
01
2345
67
Time (min)
Temperature (°C)
2°C/s recommended
6°C/s max
220°C
125 °C
260°C max
255°C
180°C
90 sec max
10-30 sec
90 to 150 sec
3°C/s max


Similar Part No. - ESDA14V2-1BF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2-2BF STMICROELECTRONICS-ESDA14V2-2BF Datasheet
170Kb / 9P
   Quad bidirectional Transi array for ESD protection
ESDA14V2-2BF3 STMICROELECTRONICS-ESDA14V2-2BF3 Datasheet
170Kb / 9P
   Quad bidirectional Transi array for ESD protection
ESDA14V2-2BX STMICROELECTRONICS-ESDA14V2-2BX Datasheet
170Kb / 9P
   Quad bidirectional Transi array for ESD protection
ESDA14V2-4BF STMICROELECTRONICS-ESDA14V2-4BF Datasheet
115Kb / 8P
   Quad bidirectional Transi array for ESD protection
ESDA14V2-4BF STMICROELECTRONICS-ESDA14V2-4BF Datasheet
152Kb / 8P
   Quad bidirectional Transil array for ESD protection
More results

Similar Description - ESDA14V2-1BF3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA14V2-4BF3 STMICROELECTRONICS-ESDA14V2-4BF3 Datasheet
152Kb / 8P
   Quad bidirectional Transil array for ESD protection
ESDA14V2-4BF2 STMICROELECTRONICS-ESDA14V2-4BF2 Datasheet
131Kb / 7P
   QUAD BIDIRECTIONAL TRANSIL??ARRAY FOR ESD PROTECTION
ITAXXB1 STMICROELECTRONICS-ITAXXB1_07 Datasheet
88Kb / 7P
   Bidirectional Transil??array for data line protection
ITAXXB3 STMICROELECTRONICS-ITAXXB3 Datasheet
112Kb / 8P
   Bidirectional Transil array for data line protection
ESDALC6V1-1BU2 STMICROELECTRONICS-ESDALC6V1-1BU2 Datasheet
143Kb / 11P
   Single-line low capacitance Transil??for bidirectional ESD protection
ESDA14V2-4BF1 STMICROELECTRONICS-ESDA14V2-4BF1 Datasheet
151Kb / 9P
   QUAD BIDIRECTIONAL TRANSIL-TM ARRAY FOR ESD PROTECTION
ESDA25DB3 STMICROELECTRONICS-ESDA25DB3 Datasheet
48Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
ESDA17 STMICROELECTRONICS-ESDA17 Datasheet
40Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
ESDAXXXP6 STMICROELECTRONICS-ESDAXXXP6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
ESDA25B1 STMICROELECTRONICS-ESDA25B1 Datasheet
41Kb / 5P
   TRANSIL ARRAY FOR ESD PROTECTION
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com