Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC5-1BF4 Datasheet(PDF) 5 Page - STMicroelectronics

Part # ESDALC5-1BF4
Description  Low clamping voltage
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC5-1BF4 Datasheet(HTML) 5 Page - STMicroelectronics

  ESDALC5-1BF4 Datasheet HTML 1Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 2Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 3Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 4Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 5Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 6Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 7Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 8Page - STMicroelectronics ESDALC5-1BF4 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
DocID024341 Rev 1
5/10
ESDALC5-1BF4
Package information
10
Note:
The marking codes can be rotated by 90° or 180° to differentiate assembly location.In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Figure 12. Tape and reel specification
Figure 10. Footprint in mm (inches)
Figure 11. Marking
0.243
(0.0096)
0.170
(0.0067)
0.300
(0.0118)
0.243
(0.0096)
0.656
(0.0258)
Pin1
Pin2
Bar indicates Pin 1
User direction of unreeling
All dimensions in mm
4.0 ± 0.1
2.0 ± 0.05
2.0 ± 0.05
Ø 1.5 ± 0.1
0.36 ± 0.03
0.38 ± 0.03
0.22
C
C
C
C
C
C
C


Similar Part No. - ESDALC5-1BF4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC5-1BM2 STMICROELECTRONICS-ESDALC5-1BM2 Datasheet
205Kb / 14P
   Single line low capacitance Transil??for ESD protection
ESDALC5-1BT2 STMICROELECTRONICS-ESDALC5-1BT2 Datasheet
205Kb / 14P
   Single line low capacitance Transil??for ESD protection
ESDALC5-1BT2Y STMICROELECTRONICS-ESDALC5-1BT2Y Datasheet
386Kb / 12P
   Automotive single-line low capacitance Transil?? transient surge voltage suppressor (TVS) for ESD protection
February 2014 Rev 1
More results

Similar Description - ESDALC5-1BF4

ManufacturerPart #DatasheetDescription
logo
Shanghai Semitech Semic...
SRC0504F SEMITECH-SRC0504F Datasheet
191Kb / 3P
   Low clamping voltage
logo
STMicroelectronics
ESDA7P120-1U1M STMICROELECTRONICS-ESDA7P120-1U1M Datasheet
586Kb / 9P
   Low clamping voltage
February 2017 Rev 2
logo
Shanghai Leiditech Elec...
SMS05 LEIDITECH-SMS05 Datasheet
161Kb / 3P
   Low clamping voltage
SMS05C LEIDITECH-SMS05C Datasheet
161Kb / 3P
   Low clamping voltage
logo
Leshan Radio Company
LTVS8H4.5CAT5G LRC-LTVS8H4.5CAT5G Datasheet
689Kb / 4P
   Low clamping voltage
logo
Micro Commercial Compon...
ESD5V0LB MCC-ESD5V0LB Datasheet
807Kb / 4P
   Low clamping voltage
logo
Rectron Semiconductor
TEP2105LV RECTRON-TEP2105LV Datasheet
283Kb / 4P
   Low clamping voltage
logo
Shanghai Leiditech Elec...
SDA3311DN LEIDITECH-SDA3311DN Datasheet
740Kb / 4P
   Low clamping voltage
logo
Shenzhen Bencent Electr...
BV03CL BENCENT-BV03CL Datasheet
298Kb / 4P
   Low clamping voltage
BV03CW BENCENT-BV03CW Datasheet
306Kb / 4P
   Low clamping voltage
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com