Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ESDALC6-4N4 Datasheet(PDF) 6 Page - STMicroelectronics

Part # ESDALC6-4N4
Description  ESD array with low capacitance
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDALC6-4N4 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button ESDALC6-4N4 Datasheet HTML 2Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 3Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 4Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 5Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 6Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 7Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 8Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 9Page - STMicroelectronics ESDALC6-4N4 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Package information
ESDALC6-4N4
6/11
Doc ID 022191 Rev 2
3
Package information
Epoxy meets UL94, V0
Lead-free package
In order to meet environmental requirements, ST offers these devices in different grades of
ECOPACK® packages, depending on their level of environmental compliance. ECOPACK®
specifications, grade definitions and product status are available at: www.st.com.
ECOPACK® is an ST trademark.
Note:
Product marking may be rotated by multiples of 90° for assembly plant differentiation. In no
case should this product marking be used to orient the component for its placement on a
PCB. Only pin 1 mark is to be used for this purpose.
Table 3.
µQFN-4L dimensions
Ref.
Dimensions
Millimeters
Inches
Min.
Typ.
Max.
Min.
Typ.
Max.
A
0.31
0.38
0.40
0.012
0.015
0.016
A1
0.00
0.02
0.05
0.00
0.0008 0.002
b
0.10
0.15
0.20
0.004
0.006
0.008
D
0.70
0.80
0.90
0.028
0.031
0.035
D2
0.50
0.58
0.65
0.020
0.023
0.026
e
0.35
0.40
0.45
0.014
0.016
0.018
E
0.90
1.00
1.10
0.035
0.039
0.043
E2
0.15
0.20
0.25
0.006
0.008
0.010
L
0.18
0.23
0.28
0.007
0.009
0.011
L1
0.00
--
0.05
0.00
--
0.002
Figure 14.
Footprint dimensions (in mm) Figure 15.
Marking
A
A1
D
E
D2
e
E2
L1
b
L
1
4
2
3
Index
area
0.4
0.43
0.2
0.18
0.17
0.58
0.58
1.4


Similar Part No. - ESDALC6-4N4

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
149Kb / 7P
   Single line low capacitance TRANSIL??for ESD protection
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2 Datasheet
178Kb / 10P
   Single line low capacitance Transil for ESD protection
logo
Shanghai Leiditech Elec...
ESDALC6V1-1BM2 LEIDITECH-ESDALC6V1-1BM2 Datasheet
1Mb / 4P
   1-Line Bi-directional TVS Diode
Rev : 01.06.2018
logo
STMicroelectronics
ESDALC6V1-1BM2 STMICROELECTRONICS-ESDALC6V1-1BM2_08 Datasheet
178Kb / 10P
   Single line low capacitance Transil for ESD protection
ESDALC6V1-1BT2 STMICROELECTRONICS-ESDALC6V1-1BT2 Datasheet
45Kb / 3P
   Single line low capacitance TRANSIL??for ESD protection
More results

Similar Description - ESDALC6-4N4

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
SR05 FUTUREWAFER-SR05 Datasheet
882Kb / 5P
   Low Capacitance ESD array
SR05A FUTUREWAFER-SR05A Datasheet
862Kb / 5P
   Low Capacitance ESD array
SR70 FUTUREWAFER-SR70 Datasheet
720Kb / 5P
   Low Capacitance ESD array
SR70-5PF FUTUREWAFER-SR70-5PF Datasheet
720Kb / 5P
   Low Capacitance ESD array
logo
Diotech Company.
SR05 DIOTECH-SR05 Datasheet
1Mb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
SRV05-4 DIOTECH-SRV05-4 Datasheet
938Kb / 4P
   LOW CAPACITANCE TVS ARRAY / ESD ARRAY
logo
Comchip Technology
CSRS045V0P-HF COMCHIP-CSRS045V0P-HF Datasheet
148Kb / 5P
   Low Capacitance ESD Protection Array
logo
Littelfuse
SP3004 LITTELFUSE-SP3004 Datasheet
221Kb / 6P
   Low Capacitance ESD Protection Array
logo
FutureWafer Tech Co.,Lt...
FDA0560T FUTUREWAFER-FDA0560T Datasheet
1Mb / 11P
   Ultra Low Capacitance ESD Array
FESD05LVCA-1PF FUTUREWAFER-FESD05LVCA-1PF Datasheet
1Mb / 6P
   Ultra Low Capacitance ESD array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com