Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CA12079 Datasheet(PDF) 3 Page - Cree, Inc

Part # CA12079
Description  Heidi series
Download  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CA12079 Datasheet(HTML) 3 Page - Cree, Inc

  CA12079 Datasheet HTML 1Page - Cree, Inc CA12079 Datasheet HTML 2Page - Cree, Inc CA12079 Datasheet HTML 3Page - Cree, Inc CA12079 Datasheet HTML 4Page - Cree, Inc CA12079 Datasheet HTML 5Page - Cree, Inc CA12079 Datasheet HTML 6Page - Cree, Inc CA12079 Datasheet HTML 7Page - Cree, Inc CA12079 Datasheet HTML 8Page - Cree, Inc CA12079 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 46 page
background image
0%
25%
50%
75%
100%
-60
-50
-40
-30
-20
-10
0
10
20
30
40
50
60
Relative intensity of CA12079_HEIDI-W2_(XB-H)
C1 0-180


Similar Part No. - CA12079

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA12079 LEDIL-CA12079 Datasheet
8Mb / 17P
   ~45째 wide beam
More results

Similar Description - CA12079

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CA12893 CREE-CA12893 Datasheet
470Kb / 9P
   Heidi series
CA12538 CREE-CA12538 Datasheet
877Kb / 18P
   Heidi series
CA12537 CREE-CA12537 Datasheet
971Kb / 20P
   Heidi series
CA12815 CREE-CA12815 Datasheet
905Kb / 19P
   Heidi series
CA11268 CREE-CA11268 Datasheet
2Mb / 35P
   Heidi series
CA12536 CREE-CA12536 Datasheet
1Mb / 27P
   Heidi series
logo
Ledil, Inc.
CA14000 LEDIL-CA14000 Datasheet
762Kb / 13P
   Heidi series
logo
Cree, Inc
CA11663 CREE-CA11663 Datasheet
1Mb / 33P
   Heidi series
CA12949 CREE-CA12949 Datasheet
740Kb / 15P
   Heidi series
CA11265 CREE-CA11265 Datasheet
1Mb / 26P
   Heidi series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com