Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

OZ998S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # OZ998S
Description  Intelligent Manager Smart Multi-DIMM Selector
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OZ998S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  OZ998S Datasheet HTML 1Page - List of Unclassifed Manufacturers OZ998S Datasheet HTML 2Page - List of Unclassifed Manufacturers OZ998S Datasheet HTML 3Page - List of Unclassifed Manufacturers OZ998S Datasheet HTML 4Page - List of Unclassifed Manufacturers OZ998S Datasheet HTML 5Page - List of Unclassifed Manufacturers OZ998S Datasheet HTML 6Page - List of Unclassifed Manufacturers OZ998S Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
OZ998
OZ998-SF-2.2
Page 3
PIN DESCRIPTION
Name
Pin
No.
Type
Input
Drive
Definition
P_SMBCLK
1
I
3.3V/5V Ext-PU
-
Primary SMBus Clock Input
Primary SMBus Clock Input for SMBus protocol communication.
P_SMBDATA
2
I/O
3.3V/5V Ext-PU
12mA
Primary SMBus Data I/O
Primary SMBus Data Input/Output for SMBus protocol communication.
PWRGD
3
I
TTL
-
Host System Power Good
This pin indicates that the host system’s power, including the Core Logic chipsets, is stable. Before the
host system’s power is stable, this input pin will tri-state the output pins, GPO[19:8], from OZ998 while
GPO[7:0] will maintain its original value. Upon PWRGD going Low, the Secondary SMBus will be
disconnected from the Primary SMBus.
RESET#
4
I
TTL
-
Reset
This active low pin will reset the OZ998.
GPIO[16]/
S_SMBCLK1
5
I/O
TTL
4mA
General Purpose I/O/
Secondary SMBus-1 Clock I/O
Fully programmable GPIO that can be used for a variety of dedicated or specific functions. Pin GPIO[16] is
defaulted as an input. It is programmable to function as GPI[16] input, GPO[16] output or secondary
SMBus-1 Clock Input/Output. Refer to GPIO[19:16] Config.1&2 Registers for more details and GPIO
Config. Tables (section 8) for input/output selections.
GPIO[17]/
S_SMBDATA1
6
I/O
TTL
4mA
General Purpose I/O/
Secondary SMBus-1 Data I/O
Fully programmable GPIO that can be used for a variety of dedicated or specific functions. Pin GPIO[17] is
defaulted as an input. It is programmable to function as GPI[17] input, GPO[17] output or secondary
SMBus-1 Data Input/Output. Refer to GPIO[19:16] Config.1&2 Registers for more details and GPIO Config.
Tables (section 8) for input/output selections.
GPIO[18]/
S_SMBCLK2
7
I/O
TTL
4mA
General Purpose I/O/
Secondary SMBus-2 Clock I/O
Fully programmable GPIO that can be used for a variety of dedicated or specific functions. Pin GPIO[18] is
defaulted as an input. It is programmable to function as GPI[18] input, GPO[18] output or secondary
SMBus-2 Clock Input/Output. Refer to GPIO[19:16] Config.1&2 Registers for more details and GPIO
Config. Tables (section 8) for input/output selections. Note: OZ998A GPIO [19:18] need 47k
: pull-up for
normal operation, OZ998B doesn’t.
GPIO[19]/
S_SMBDATA2
8
I/O
TTL
4mA
General Purpose I/O /
Secondary SMBus-2 Data I/O
Fully programmable GPIO that can be used for a variety of dedicated or specific functions. Pin GPIO[19] is
defaulted as an input. It is programmable to function as GPI[19] input, GPO[19] output or secondary
SMBus-2 Data Input/Output. Refer to GPIO[19:16] Config.1&2 Registers for more details and GPIO Config.
Tables (section 8) for input/output selections. Note: OZ998A GPIO [19:18] need 47k
: pull-up for normal
operation, OZ998B doesn’t.
GPIO[0]/
SMIEVENT/ID[0]
9
I/O
TTL
12mA
General Purpose I/O /
SMIEVENT
Fully programmable GPIO that can be used for a variety of dedicated or specific functions. Pin GPIO[0] has
an SMIEVENT output as an alternate function. GPIO[0] is set as default. It is also programmable to
function as GPI[0] input, GPO[0] output, ALF[0] output, or ID[0] input. In addition, if this pin is configured as
output, TTL output, Open Drain or Open collector output can be selected. Refer to GPIO Config.1&2
Registers for more details and GPIO Config. Tables (section 8) for input/output selections.
GPIO[1]/ID[1]
10
I/O
TTL
12mA
General Purpose I/O
Fully programmable GPIO that can be used for a variety of dedicated or specific functions. GPIO[1] pin
defaults as input. It is also programmable to function as GPI[1] input, GPO[1] output, ALF[1] output, or ID[1]
input. In addition, if this pin is configured as output, TTL output, Open Drain or Open collector output can
be selected. Refer to GPIO Config.1&2 Registers for more details and GPIO Config. Tables (section 8) for
input/output selections.
GPIO[2]/
SMBALERT#/ID[2]
11
I/O
TTL
12mA
General Purpose I/O/
SMBALERT#
Fully programmable GPIO that can be used for a variety of dedicated or specific functions. Pin GPIO[2]
defaults as input. This pin, when programmed as an alternate function, can generate the SMBALERT#
interrupt. SMBALERT# is an interrupt service request signal to the SMBus Host which can be generated by
all devices connected to the OZ998. Pin GPIO[2]/SMBALERT# is also programmable to function as GPI[2]
input, GPO[2] output, ALF[2] output, or ID[2] input. In addition, if this pin is configured as output, TTL
output, Open Drain or Open collector can be selected. Refer to GPIO Config.1&2 Registers for more
details and GPIO Config. Tables (section 8) for I/O selections.


Similar Part No. - OZ998S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ9984 ETC1-OZ9984 Datasheet
1Mb / 56P
   Intelligent Lighting Family
OZ9984 ETC2-OZ9984 Datasheet
1Mb / 56P
   Intelligent Lighting Family
OZ9986 ETC2-OZ9986 Datasheet
1Mb / 56P
   Intelligent Lighting Family
OZ9986/ ETC1-OZ9986/ Datasheet
1Mb / 56P
   Intelligent Lighting Family
OZ9986A ETC1-OZ9986A Datasheet
1Mb / 56P
   Intelligent Lighting Family
More results

Similar Description - OZ998S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
39Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ990S ETC-OZ990S Datasheet
80Kb / 5P
   Intelligent Manager Smart PMU/GPIO
OZ992S ETC-OZ992S Datasheet
37Kb / 5P
   Intelligent Manager Smart ACPI GPIO/SCI
logo
Advantech Co., Ltd.
SNMP-1000-B ADVANTECH-SNMP-1000-B_12 Datasheet
1Mb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-B ADVANTECH-SNMP-1000-B Datasheet
295Kb / 2P
   Intelligent SNMP/HTTP System Manager
SNMP-1000-E1B2E ADVANTECH-SNMP-1000-E1B2E Datasheet
695Kb / 2P
   Intelligent SNMP/HTTP System Manager
logo
Linear Technology
LTC1760 LINER-LTC1760 Datasheet
370Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_1 Datasheet
340Kb / 44P
   Dual Smart Battery System Manager
LTC1760 LINER-LTC1760_15 Datasheet
376Kb / 48P
   Dual Smart Battery System Manager
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com