Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M52723ASP Datasheet(PDF) 8 Page - Mitsubishi Electric Semiconductor

Part # M52723ASP
Description  DYNAMIC FOCUS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M52723ASP Datasheet(HTML) 8 Page - Mitsubishi Electric Semiconductor

Back Button M52723ASP Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 10Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 11Page - Mitsubishi Electric Semiconductor M52723ASP Datasheet HTML 12Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
MITSUBISHI ICs (Monitor)
M52723ASP
DYNAMIC FOCUS
8
FVP1 V para. freq. characteristics1
When the frequency of input signal in pin2 is 50Hz, the amplitude of
parabola waveform at pin4 is defined as VP50Hz.
FVP1=VP70Hz - VP50Hz
FVP2 V para. freq. characteristics2
FVP2=VP70Hz - VP185Hz
VVP1 V para. VCC. characteristics1
When the voltage of pin10, 20 is 11.5V, the amplitude of parabola
waveform is defined as VP11.5V.
VVP1=VP70Hz - VP11.5V
VVP2 V para. VCC. characteristics2
When the voltage of pin10, 20 is 12.5V, the amplitude of parabola
waveform is defined as VP12.5V.
VVP2=VP70Hz - VP12.5V
DVP V para. temperature drift
Measure temperature drift of VP70Hz. (-20
°C to 85°C)
I2 Pin2 input current
Measure the input current to pin2 when the voltage of pin2 is 3.5V.
I3 Pin3 input current
Measure the input current to pin3 when the voltage of pin3 is 3.5V.
I5 Pin5 input current
Measure the input current to pin5 when the voltage of pin5 is 3.5V.


Similar Part No. - M52723ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
   Dynamic Focus
More results

Similar Description - M52723ASP

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M52723ASP RENESAS-M52723ASP Datasheet
290Kb / 23P
   Dynamic Focus
logo
Toshiba Semiconductor
2SC5563 TOSHIBA-2SC5563_04 Datasheet
89Kb / 2P
   Dynamic Focus Applications
2SC5460 TOSHIBA-2SC5460_04 Datasheet
141Kb / 5P
   Dynamic Focus Applications
2SC5466 TOSHIBA-2SC5466_04 Datasheet
129Kb / 4P
   Dynamic Focus Applications
logo
Fairchild Semiconductor
KSC5042 FAIRCHILD-KSC5042 Datasheet
46Kb / 4P
   High Voltage Switchihg Dynamic Focus Application
KSC5042M FAIRCHILD-KSC5042M Datasheet
49Kb / 4P
   High Voltage Switchihg Dynamic Focus Application
KSC5042F FAIRCHILD-KSC5042F Datasheet
56Kb / 4P
   High Voltage Switchihg Dynamic Focus Application
KSC5042FTU FAIRCHILD-KSC5042FTU Datasheet
62Kb / 4P
   High Voltage Switchihg Dynamic Focus Application
logo
Panasonic Semiconductor
AN96A07K PANASONIC-AN96A07K Datasheet
88Kb / 10P
   Dynamic Focus Controller IC for CRT Monitor
logo
Toshiba Semiconductor
2SC5563 TOSHIBA-2SC5563 Datasheet
81Kb / 1P
   NPN TRIPLE KIFFUSED TYPE (DYNAMIC FOCUS APPLICATIONS)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com