Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMP60R750PTH Datasheet(PDF) 9 Page - MagnaChip Semiconductor.

Part # MMP60R750PTH
Description  600V 0.75(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMP60R750PTH Datasheet(HTML) 9 Page - MagnaChip Semiconductor.

Back Button MMP60R750PTH Datasheet HTML 2Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 3Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 4Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 5Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 6Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 7Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 8Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 9Page - MagnaChip Semiconductor. MMP60R750PTH Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MMP60R750P Datasheet
Aug. 2013 Revision 1.0
MagnaChip Semiconductor Ltd.
9
 Physical Dimensions
3 Leads, TO-220
Dimensions are in millimeters unless otherwise specified


Similar Part No. - MMP60R750PTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMP60R750PTH ISC-MMP60R750PTH Datasheet
332Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMP60R750PTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMD60R750P MGCHIP-MMD60R750P Datasheet
1Mb / 10P
   600V 0.75(ohm) N-channel MOSFET
MMF60R750P MGCHIP-MMF60R750P Datasheet
1Mb / 10P
   600V 0.75(ohm) N-channel MOSFET
MMIS60R750P MGCHIP-MMIS60R750P Datasheet
1Mb / 10P
   600V 0.75(ohm) N-channel MOSFET
MDP9N60 MGCHIP-MDP9N60 Datasheet
991Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDF9N60 MGCHIP-MDF9N60 Datasheet
739Kb / 6P
   N-Channel MOSFET 600V, 9A, 0.75(ohm)
MDFS10N60D MGCHIP-MDFS10N60D Datasheet
942Kb / 6P
   N-Channel MOSFET 600V, 10A, 0.75(ohm)
MMD70R750P MGCHIP-MMD70R750P Datasheet
1Mb / 10P
   700V 0.75(ohm) N-channel MOSFET
logo
Taiwan Semiconductor Co...
TSM60N750 TSC-TSM60N750 Datasheet
812Kb / 7P
   600V, 6A, 0.75 N-Channel Power MOSFET
logo
Tak Cheong Electronics ...
TFP10N60 TAK_CHEONG-TFP10N60 Datasheet
3Mb / 8P
   N-Channel Power MOSFET 10A, 600V, 0.75廓
logo
ON Semiconductor
NDF10N60ZH ONSEMI-NDF10N60ZH Datasheet
119Kb / 8P
   N-Channel Power MOSFET 600 V, 0.75 Ohm
February, 2012 ??Rev. 10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com