Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMQ60R190PTH Datasheet(PDF) 10 Page - MagnaChip Semiconductor.

Part # MMQ60R190PTH
Description  600V 0.19(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMQ60R190PTH Datasheet(HTML) 10 Page - MagnaChip Semiconductor.

Back Button MMQ60R190PTH Datasheet HTML 2Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 3Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 4Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 5Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 6Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 7Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 8Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 9Page - MagnaChip Semiconductor. MMQ60R190PTH Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
MMQ60R190P Datasheet
Apr. 2014 Revision 1.0
MagnaChip Semiconductor Ltd.
10
DISCLAIMER:
The Products are not designed for use in hostile environments, including, without limitation, aircraft, nuclear power
generation, medical appliances, and devices or systems in which malfunction of any Product can reasonably be
expected to result in a personal injury.
Seller’s customers using or selling Seller’s products for use in such
applications do so at their own risk and agree to fully defend and indemnify Seller.
MagnaChip reserves the right to change the specifications and circuitry without notice at any time. MagnaChip does not consider responsibility
for use of any circuitry other than circuitry entirely included in a MagnaChip product.
is a registered trademark of MagnaChip
Semiconductor Ltd.


Similar Part No. - MMQ60R190PTH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMQ60R190PTH ISC-MMQ60R190PTH Datasheet
373Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMQ60R190PTH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMF60R190Q MGCHIP-MMF60R190Q Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
MMF60R190P MGCHIP-MMF60R190P Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
MMP60R190P MGCHIP-MMP60R190P Datasheet
1Mb / 10P
   600V 0.19(ohm) N-channel MOSFET
MMP65R190P MGCHIP-MMP65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
MMF65R190P MGCHIP-MMF65R190P Datasheet
1Mb / 10P
   650V 0.19(ohm) N-channel MOSFET
logo
Taiwan Semiconductor Co...
TSM60NB190CI TSC-TSM60NB190CI Datasheet
830Kb / 8P
   N-Channel Power MOSFET 600V, 18A, 0.19廓
logo
Fairchild Semiconductor
FDH27N50 FAIRCHILD-FDH27N50 Datasheet
183Kb / 6P
   27A, 500V, 0.19 Ohm, N-Channel SMPS Power MOSFET
logo
MagnaChip Semiconductor...
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMFT60R290PC MGCHIP-MMFT60R290PC Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
   600V 0.07(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com